Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4810CX Datasheet(PDF) 1 Page - STMicroelectronics

Part # L4810CX
Description  VERY LOWDROP VOLTAGE REGULATORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4810CX Datasheet(HTML) 1 Page - STMicroelectronics

  L4810CX Datasheet HTML 1Page - STMicroelectronics L4810CX Datasheet HTML 2Page - STMicroelectronics L4810CX Datasheet HTML 3Page - STMicroelectronics L4810CX Datasheet HTML 4Page - STMicroelectronics L4810CX Datasheet HTML 5Page - STMicroelectronics L4810CX Datasheet HTML 6Page - STMicroelectronics L4810CX Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
L4805-L4885-L4892
L4808-L4810-L4812
March 1992
VERY LOW DROP VOLTAGE REGULATORS
.
INPUT/OUTPUT DROP TYP. 0.4V
.
400mA OUTPUT CURRENT
.
LOW QUIESCENT CURRENT
.
REVERSE POLARITY PROTECTION
.
OVERVOLTAGE PROTECTION (
± 60V)
.
FOLDBACK CURRENT LIMITING
.
THERMAL SHUTDOWN
TO-220
DESCRIPTION
L4800 series devices are voltage regulators with a
very low voltage drop (typically 0.4V at full rated cur-
rent), output current up to 400mA, low quiescent
current and comprehensiveon-chip protection.The-
se devices are protected against load dump and
field decay transients of
± 60V, polarity reversal and
overheating. A foldback current limiter protects
against load short circuits. Available in 5V, 8.5V,
9.2V,10V and 12V versions (all
± 4%,TI =25°C)the-
se regulators are designed for automotive, industrial
and consumer applications where low consumption
is particularly important.
BLOCK DIAGRAM
In automotive applications the L4805 is ideal for 5V
logic supplies becauseit can operateeven when the
batteryvoltage falls below 6V. In battery backup and
standby applications the low consumption of these
devices extends battery life.
SO T-82
1/7


Similar Part No. - L4810CX

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L482 STMICROELECTRONICS-L482 Datasheet
169Kb / 11P
HALL.EFFECT PICKUP IGNITION CONTROLLER
Nov-1991
L482D1 STMICROELECTRONICS-L482D1 Datasheet
169Kb / 11P
HALL.EFFECT PICKUP IGNITION CONTROLLER
Nov-1991
logo
Kingbright Corporation
L483EDT KINGBRIGHT-L483EDT Datasheet
185Kb / 6P
CYLINDRICAL LED LAMPS
L483GDT KINGBRIGHT-L483GDT Datasheet
185Kb / 6P
CYLINDRICAL LED LAMPS
L483HDT KINGBRIGHT-L483HDT Datasheet
185Kb / 6P
CYLINDRICAL LED LAMPS
More results

Similar Description - L4810CX

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4705 STMICROELECTRONICS-L4705 Datasheet
113Kb / 3P
VERY LOW DROP VOLTAGE REGULATORS
L4920 STMICROELECTRONICS-L4920 Datasheet
64Kb / 7P
VERY LOWDROP ADJUSTABLE REGULATORS
Jun-2000
LD29300 STMICROELECTRONICS-LD29300 Datasheet
530Kb / 17P
3A, VERY LOW DROP VOLTAGE REGULATORS
Jun-2003
logo
Advanced Monolithic Sys...
AMS2501 ADMOS-AMS2501 Datasheet
63Kb / 8P
1A VERY LOW DROPOUT VOLTAGE REGULATORS
logo
STMicroelectronics
LD29150 STMICROELECTRONICS-LD29150 Datasheet
446Kb / 17P
1.5A, VERY LOW DROP VOLTAGE REGULATORS
08-Nov-2004
logo
Advanced Monolithic Sys...
DS2501 ADMOS-DS2501 Datasheet
73Kb / 8P
1A VERY LOW DROPOUT VOLTAGE REGULATORS
logo
M.S. Kennedy Corporatio...
MSK5151 MSK-MSK5151 Datasheet
275Kb / 5P
VERY HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
logo
Advanced Monolithic Sys...
AMS2501 ADMOS-AMS2501_05 Datasheet
66Kb / 8P
1A VERY LOW DROPOUT VOLTAGE REGULATORS
logo
First Components Intern...
LP2950 FCI-LP2950 Datasheet
592Kb / 8P
LOWDrop Out Voltage Regulators
logo
Sames
LD29300 SAMES-LD29300_07 Datasheet
508Kb / 26P
3A, Very low drop voltage regulators
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com