Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF5110PCBA Datasheet(PDF) 11 Page - RF Micro Devices

Part # RF5110PCBA
Description  3V GSM POWER AMPLIFIER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5110PCBA Datasheet(HTML) 11 Page - RF Micro Devices

Back Button RF5110PCBA Datasheet HTML 6Page - RF Micro Devices RF5110PCBA Datasheet HTML 7Page - RF Micro Devices RF5110PCBA Datasheet HTML 8Page - RF Micro Devices RF5110PCBA Datasheet HTML 9Page - RF Micro Devices RF5110PCBA Datasheet HTML 10Page - RF Micro Devices RF5110PCBA Datasheet HTML 11Page - RF Micro Devices RF5110PCBA Datasheet HTML 12Page - RF Micro Devices RF5110PCBA Datasheet HTML 13Page - RF Micro Devices RF5110PCBA Datasheet HTML 14Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11 of 14
RF5110
Rev A0 DS050318
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Typical Test Setup
Notes about testing the RF5110
The test setup shown above includes two attenuators. The 3dB pad at the input is to minimize the effect on the signal genera-
tor as a result of switching the input impedance of the PA. When VAPC is switched quickly, the resulting input impedance
change can cause the signal generator to vary its output signal, either in output level or in frequency. Instead of an attenuator
an isolator may also be used. The attenuator at the output is to prevent damage to the spectrum analyzer, and should be sized
accordingly to handle the power.
It is important not to exceed the rated supply current and output power. When testing the device at higher than nominal supply
voltage, the V
APC should be adjusted to avoid the output power exceeding +36 dBm. During load-pull testing at the output it is
important to monitor the forward power through a directional coupler. The forward power should not exceed +36dBm, and
V
APC needs to be adjusted accordingly. This simulates the behavior for the power control loop. To avoid damage, it is recom-
mended to set the power supply to limit the current during the burst not to exceed the maximum current rating.
Power Supply
10dB/5W
3dB
RF Generator
Spectrum
Analyzer
Buffer
x1 OpAmp
Pulse
Generator
A buffer amplifier is recommended because the current into the VAPC
changes with voltage. As an alternative, the voltage may be
monitored with an oscilloscope.
V+
V-
S-
S+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com