Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF5110PCBA Datasheet(PDF) 5 Page - RF Micro Devices

Part # RF5110PCBA
Description  3V GSM POWER AMPLIFIER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5110PCBA Datasheet(HTML) 5 Page - RF Micro Devices

  RF5110PCBA Datasheet HTML 1Page - RF Micro Devices RF5110PCBA Datasheet HTML 2Page - RF Micro Devices RF5110PCBA Datasheet HTML 3Page - RF Micro Devices RF5110PCBA Datasheet HTML 4Page - RF Micro Devices RF5110PCBA Datasheet HTML 5Page - RF Micro Devices RF5110PCBA Datasheet HTML 6Page - RF Micro Devices RF5110PCBA Datasheet HTML 7Page - RF Micro Devices RF5110PCBA Datasheet HTML 8Page - RF Micro Devices RF5110PCBA Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5 of 14
RF5110
Rev A0 DS050318
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Package Drawing
1.50 TYP
2 PLCS
0.15 CB
-B-
1.37 TYP
2 PLCS
0.15 CB
2 PLCS
0.15 CA
-A-
3.00 SQ.
2.75 SQ.
2 PLCS
0.15 CA
1.00
0.85
0.05
0.01
0.80
0.65
0.05 C
12°
MAX
-C-
SEATING
PLANE
Shaded lead is pin 1.
Dimensions in mm.
CA B
0.10 M
0.30
0.18
0.60
0.24
TYP
0.50
0.55
0.30
1.65
1.35
SQ.
0.23
0.13
4 PLCS
0.45
0.00
4 PLCS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com