Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF5110PCBA Datasheet(PDF) 8 Page - RF Micro Devices

Part # RF5110PCBA
Description  3V GSM POWER AMPLIFIER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5110PCBA Datasheet(HTML) 8 Page - RF Micro Devices

Back Button RF5110PCBA Datasheet HTML 4Page - RF Micro Devices RF5110PCBA Datasheet HTML 5Page - RF Micro Devices RF5110PCBA Datasheet HTML 6Page - RF Micro Devices RF5110PCBA Datasheet HTML 7Page - RF Micro Devices RF5110PCBA Datasheet HTML 8Page - RF Micro Devices RF5110PCBA Datasheet HTML 9Page - RF Micro Devices RF5110PCBA Datasheet HTML 10Page - RF Micro Devices RF5110PCBA Datasheet HTML 11Page - RF Micro Devices RF5110PCBA Datasheet HTML 12Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8 of 14
RF5110
Rev A0 DS050318
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Evaluation Board Schematic
GSM850 Lumped Element
C17
10 nF
C1
56 pF
R1
180
Ω
J1
RF IN
50
Ω μstrip
VAPC
C9
15 pF
C10
2 pF
C11
9.1 pF
C12
56 pF
J2
RF OUT
VCC
C14
33 pF
C13
1 nF
L3
8.8 nH
50
Ω μstrip
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
C16
10 nF
C15
33 pF
VCC
J3
VAPC
50
Ω μstrip
C8
1.5 pF
L1
11 nH
C19
27 pF
C3
1 nF
VCC1
C7
33 pF
C20
13 pF
VCC2
L6
1.6 nH
L2
10
Ω Ferrite
C5
10 nF
L4
1.8 nH
C2
10 nF
C6
1 nF
65 mils
40 mils
P1
1
2
3
4
CON4
P1-1
VCC
P1-2
VCC
GND
GND
P2
1
2
3
CON3
P2-1
VAPC
GND
GND
C9 and C10 share
the same pad.
60 mils
C21
3.3
μF
+
C18
3.3
μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com