Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FFC Datasheet(PDF) 2 Page - Global Connector Technology

Part # FFC
Description  Flat Flex Cables
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GCT [Global Connector Technology]
Direct Link  https://gct.co/
Logo GCT - Global Connector Technology

FFC Datasheet(HTML) 2 Page - Global Connector Technology

  FFC Datasheet HTML 1Page - Global Connector Technology FFC Datasheet HTML 2Page - Global Connector Technology FFC Datasheet HTML 3Page - Global Connector Technology FFC Datasheet HTML 4Page - Global Connector Technology FFC Datasheet HTML 5Page - Global Connector Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PRODUCT SPECIFICATION
Part
Number
Flat Flex Cables
Rev
A
Date
07/07/23
Product
Description
FFC general product specification
Page
2
Doc
Number
FFC_PS
Prepared
YR
Checked
KL
Approved
PH
www.gct.co
1. SCOPE
This specification covers tolerances and characteristics of standard Flat Flex Cables, applicable to
FFC Cable drawing rev.B or later.
2. GENERAL TOLERANCES
No.
Description
Size (mm)
FFC pitch & tolerance (mm)
0.5
1.0
1
Overall Length (L)
≤50
±1.5
51
– 100
±2
101
– 300
±3
301
– 800
±5
>800
±1%
2
Conductor Thickness
0.035
±0.005
0.05
±0.005
0.1
±0.01
3
Conductor Width
0.3
±0.03
0.65
±0.03
4
Pitch
0.5
±0.05
1.0
±0.05
5
Cable Width (W)
0.5
±0.08
1.0
±0.1
6
Exposed Conductor Length
≤6
±1
7
Support Strip Length
4
– 6
±1
6
– 7
±1.5
>8
±2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com