Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FFC Datasheet(PDF) 3 Page - Global Connector Technology

Part # FFC
Description  Flat Flex Cables
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GCT [Global Connector Technology]
Direct Link  https://gct.co/
Logo GCT - Global Connector Technology

FFC Datasheet(HTML) 3 Page - Global Connector Technology

  FFC Datasheet HTML 1Page - Global Connector Technology FFC Datasheet HTML 2Page - Global Connector Technology FFC Datasheet HTML 3Page - Global Connector Technology FFC Datasheet HTML 4Page - Global Connector Technology FFC Datasheet HTML 5Page - Global Connector Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PRODUCT SPECIFICATION
Part
Number
Flat Flex Cables
Rev
A
Date
07/07/23
Product
Description
FFC general product specification
Page
3
Doc
Number
FFC_PS
Prepared
YR
Checked
KL
Approved
PH
www.gct.co
3. CHARACTERISTICS
Item
Test Condition
Requirement
Electrical
Conductor
Resistance
(0.5mm pitch)
JIS-C-3102 (at 20°C)
2.2Ω/m Max.
Conductor
Resistance
(1.0mm pitch)
1.1Ω/m Max.
Insulation Resistance
Apply 500Vdc for 1 min
1000MΩ Min
Rated Current
(0.5mm pitch)
-
0.5A
Rated Current
(1.0mm pitch)
-
1.0A
Dielectric Strength
500Vac, 0.5mA, 1 min, adjacent
conductors in air
1000Vac, 0.5mA, 1 min, adjacent
conductors in water
No breakdown
Continuity
DC3V tester
No open circuit with
each conductor, no
short circuit to
adjacent conductors
Rated Voltage and
Temperature
UL 758
60V, +80°C or
+105°C depending on
UL style
Physical
Operating
Temperature
Fixed wiring
-40°C to +80°C or
+105°C depending on
UL style
Flammability
UL 758 VW-1
Pass
Resistance to Heat
+85°C or +110°C (depending on UL
style) for 96hrs
No negative impact
on insulation
resistance or
dielectric strength
Resistance to
Humidity
+40°C, 95% RH for 96hrs
No negative impact
on insulation
resistance or
dielectric strength



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com