Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FFC Datasheet(PDF) 4 Page - Global Connector Technology

Part # FFC
Description  Flat Flex Cables
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GCT [Global Connector Technology]
Direct Link  https://gct.co/
Logo GCT - Global Connector Technology

FFC Datasheet(HTML) 4 Page - Global Connector Technology

  FFC Datasheet HTML 1Page - Global Connector Technology FFC Datasheet HTML 2Page - Global Connector Technology FFC Datasheet HTML 3Page - Global Connector Technology FFC Datasheet HTML 4Page - Global Connector Technology FFC Datasheet HTML 5Page - Global Connector Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
PRODUCT SPECIFICATION
Part
Number
Flat Flex Cables
Rev
A
Date
07/07/23
Product
Description
FFC general product specification
Page
4
Doc
Number
FFC_PS
Prepared
YR
Checked
KL
Approved
PH
www.gct.co
Temperature and
Humidity Cycling
-40°C (0% RH) → +25°C (65% RH)
→ +85°C (95% RH) → +25°C (65%
RH), 5 cycles
No negative impact
on insulation
resistance or
dielectric strength
Flex Life
(Folding Test)
600g weight, 0.5mm R, 180°, 60
cycles/min
100 cycles Min.
Flex Life
(Reciprocating Test)
10mm R, 180mm stroke, 70
cycles/min
100,000 cycles Min.
Abrasion
Ø0.5mm, 600g, 60 cycles/min
100,000 cycles Min.
Insulation Elongation
JIS-K-6732
70% Min.
Insulation Tensile
Strength
3.5kg/mm² Min.
Adhesive Strength
Between conductor and insulator
0.2kg/cm Min.
Between insulator and insulator
0.6kg/cm Min.
Between support strip and insulator
0.2kg/cm Min.
Durability
Insertion and withdrawal
30 cycles Min.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com