Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF3398PCBA Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF3398PCBA
Description  GENERAL PURPOSE AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3398PCBA Datasheet(HTML) 2 Page - RF Micro Devices

  RF3398PCBA Datasheet HTML 1Page - RF Micro Devices RF3398PCBA Datasheet HTML 2Page - RF Micro Devices RF3398PCBA Datasheet HTML 3Page - RF Micro Devices RF3398PCBA Datasheet HTML 4Page - RF Micro Devices RF3398PCBA Datasheet HTML 5Page - RF Micro Devices RF3398PCBA Datasheet HTML 6Page - RF Micro Devices RF3398PCBA Datasheet HTML 7Page - RF Micro Devices RF3398PCBA Datasheet HTML 8Page - RF Micro Devices RF3398PCBA Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2 of 10
RF3398
Rev A8 DS051025
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Absolute Maximum Ratings
Parameter
Rating
Unit
Input RF Power
+13
dBm
Operating Ambient Temperature
-40 to +85
°C
Storage Temperature
-60 to +150
°C
ICC
60
mA
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Overall
T=25 °C, ICC=40mA (See Note 1.)
Frequency Range
DC to >6000
MHz
3dB Bandwidth
4.5
GHz
Gain
11.3
12.3
dB
Freq=500MHz
11.2
12.2
dB
Freq=850MHz
10.0
12.0
13.5
dB
Freq=2000MHz
11.5
dB
Freq=3000MHz (See Note)
11.4
dB
Freq=4000MHz (See Note)
11.0
dB
Freq=6000MHz (See Note)
Noise Figure
3.7
dB
Freq=2000MHz
Input VSWR
<1.75:1
In a 50
Ω system, DC to 6000MHz
Output VSWR
<1.77:1
In a 50
Ω system, DC to 6000MHz
Output IP3
+24.0
+25.4
dBm
Freq=850MHz
+23.0
+24.0
dBm
Freq=2000MHz
Output P1dB
+12.6
+13.6
dBm
Freq=850MHz
+11.9
+13.5
dBm
Freq=2000MHz
Reverse Isolation
16.5
dB
Freq=2000MHz
Thermal
ICC=40mA, PDISS=147mW. (See Note 3.)
ThetaJC
207
°C/W
Maximum Measured Junction
Temperature at DC Bias Condi-
tions
115
°C
TAMB=+85°C
Mean Time To Failures
44,137
years
TAMB=+85°C
Power Supply
With 22
Ω bias resistor
Device Operating Voltage
3.8
3.9
4.0
V
At pin 8 with ICC=40mA
4.5
4.8
5.1
V
At evaluation board connector, ICC=40mA
Operating Current
40
60
mA
See Note 2.
Note 1: All specification and characterization data has been gathered on standard FR-4 evaluation boards. These evaluation boards are not
optimized for frequencies above 2.5GHz. Performance above 2.5GHz may improve if a high performance PCB is used.
Note 2: The RF3398 must be operated at or below 60mA in order to achieve the thermal performance listed above. While the RF3398 may be
operated at higher bias currents, 40mA is the recommended bias to ensure the highest possible reliability and electrical performance.
Note 3: Because of process variations from part to part, the current resulting from a fixed bias voltage will vary. As a result, caution should be
used in designing fixed voltage bias circuits to ensure the worst case bias current does not exceed 60mA over all intended operating condi-
tions.
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
RoHS status based on EUDirective2002/95/EC (at time of this document revision).
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com