Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF3398PCBA Datasheet(PDF) 3 Page - RF Micro Devices

Part # RF3398PCBA
Description  GENERAL PURPOSE AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3398PCBA Datasheet(HTML) 3 Page - RF Micro Devices

  RF3398PCBA Datasheet HTML 1Page - RF Micro Devices RF3398PCBA Datasheet HTML 2Page - RF Micro Devices RF3398PCBA Datasheet HTML 3Page - RF Micro Devices RF3398PCBA Datasheet HTML 4Page - RF Micro Devices RF3398PCBA Datasheet HTML 5Page - RF Micro Devices RF3398PCBA Datasheet HTML 6Page - RF Micro Devices RF3398PCBA Datasheet HTML 7Page - RF Micro Devices RF3398PCBA Datasheet HTML 8Page - RF Micro Devices RF3398PCBA Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3 of 10
RF3398
Rev A8 DS051025
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Package Drawing
Pin
Function
Description
Interface Schematic
1NC
No internal connections. It is not necessary to ground this pin.
2RF IN
RF input pin. This pin is NOT internally DC-blocked. A DC-blocking capacitor,
suitable for the frequency of operation, should be used in most applica-
tions. DC-coupling of the input is not allowed, because this will override the
internal feedback loop and cause temperature instability.
3NC
No internal connections. It is not necessary to ground this pin.
4GND
Ground connection.
5GND
Ground connection.
6GND
Ground connection.
7NC
No internal connections. It is not necessary to ground this pin.
8RF OUT
RF output and bias pin. Biasing is accomplished with an external series
resistor and choke inductor to VCC. The resistor is selected to set the DC
current into this pin to a desired level. The resistor value is determined by
the following equation:
Care should also be taken in the resistor selection to ensure that the cur-
rent into the part never exceeds 60mA over the planned operating temper-
ature. This means that a resistor between the supply and this pin is always
required, even if a supply near 3.9V is available, to provide DC feedback to
prevent thermal runaway. Because DC is present on this pin, a DC-blocking
capacitor, suitable for the frequency of operation, should be used in most
applications. The supply side of the bias network should also be well
bypassed.
9NC
No internal connections. It is not necessary to ground this pin.
10
GND
Ground connection.
11
GND
Ground connection.
12
GND
Ground connection.
Die
Flag
GND
Ground connection. To ensure best performance, avoid placing ground vias
directly beneath the part.
R
V
SUPPLY
V
DEVICE
–
()
I
CC
-------------------------------------------------------
=
RF OUT
RF IN
3.00
3.00
2.75
SQ
-B-
-A-
3
1
2 PLCS
0.10 C A
2 PLCS
0.10 C B
2 PLCS
0.10 C A
2 PLCS
0.10 C B
Shaded lead is pin 1.
Dimensions in mm.
-C-
12°
MAX
SEATING
PLANE
0.05 C
0.20
REF.
0.90
0.85
0.05
0.00
0.60
0.24
TYP
0.10
C AB
M
0.35
0.30
PIN 1 ID
R0.20
1.90
1.60
0.45
0.35
0.375
0.275
0.65
1.15
0.85



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com