Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF3398PCBA Datasheet(PDF) 7 Page - RF Micro Devices

Part # RF3398PCBA
Description  GENERAL PURPOSE AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3398PCBA Datasheet(HTML) 7 Page - RF Micro Devices

Back Button RF3398PCBA Datasheet HTML 2Page - RF Micro Devices RF3398PCBA Datasheet HTML 3Page - RF Micro Devices RF3398PCBA Datasheet HTML 4Page - RF Micro Devices RF3398PCBA Datasheet HTML 5Page - RF Micro Devices RF3398PCBA Datasheet HTML 6Page - RF Micro Devices RF3398PCBA Datasheet HTML 7Page - RF Micro Devices RF3398PCBA Datasheet HTML 8Page - RF Micro Devices RF3398PCBA Datasheet HTML 9Page - RF Micro Devices RF3398PCBA Datasheet HTML 10Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7 of 10
RF3398
Rev A8 DS051025
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Reverse Isolation versus Frequency Across Temperature(ICC=40mA)
16.0
16.5
17.0
17.5
18.0
18.5
19.0
19.5
20.0
0.0
1000.0
2000.0
3000.0
4000.0
5000.0
6000.0
Frequency (MHz)
-40C
+25C
+85C
Current versus Voltage
(At Evaluation Board Connector, RBIAS=22Ω)
20.0
25.0
30.0
35.0
40.0
45.0
50.0
55.0
4.5
4.7
4.9
5.1
5.3
5.5
VCC (V)
-40C
+25C
+85C
Current versus Voltage
(At Pin 8 of RF3398)
0.0
10.0
20.0
30.0
40.0
50.0
60.0
3.5
3.6
3.7
3.8
3.9
4.0
4.1
4.2
4.3
VPIN (V)
-40C
+25C
+85C
Vcc=4.8V
Power Dissipated versus Voltage at Pin 8
(TAMB = +85°C)
0.05
0.07
0.09
0.11
0.13
0.15
0.17
0.19
0.21
3.50
3.55
3.60
3.65
3.70
3.75
3.80
3.85
VPIN (V)
Junction Temperature versus Power Dissipated
(TAMB = +85°C)
100.0
105.0
110.0
115.0
120.0
125.0
130.0
135.0
140.0
0.100
0.120
0.140
0.160
0.180
0.200
0.220
0.240
Power Dissipated (Watts)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com