Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7569ACPZF16 Datasheet(PDF) 73 Page - Analog Devices

Part # ADE7569ACPZF16
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7569ACPZF16 Datasheet(HTML) 73 Page - Analog Devices

Back Button ADE7569ACPZF16 Datasheet HTML 69Page - Analog Devices ADE7569ACPZF16 Datasheet HTML 70Page - Analog Devices ADE7569ACPZF16 Datasheet HTML 71Page - Analog Devices ADE7569ACPZF16 Datasheet HTML 72Page - Analog Devices ADE7569ACPZF16 Datasheet HTML 73Page - Analog Devices ADE7569ACPZF16 Datasheet HTML 74Page - Analog Devices ADE7569ACPZF16 Datasheet HTML 75Page - Analog Devices ADE7569ACPZF16 Datasheet HTML 76Page - Analog Devices ADE7569ACPZF16 Datasheet HTML 77Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 144 page
background image
ADE7566/ADE7569/ADE7166/ADE7169
Rev. A | Page 73 of 144
TEMPERATURE, BATTERY, AND SUPPLY VOLTAGE MEASUREMENTS
The ADE7566/ADE7569/ADE7166/ADE7169 include
temperature measurements as well as battery and supply voltage
measurements. These measurements enable many forms of
compensation. The temperature and supply voltage measurements
can be used to compensate external circuitry. The RTC can be
calibrated over temperature to ensure that it does not drift. Supply
voltage measurements allow the LCD contrast to be maintained
despite variations in voltage. Battery measurements allow low
battery detection to be performed.
All ADC measurements are configured through the SFRs
detailed in Table 47.
The temperature, battery, and supply voltage measurements can
be configured to continue functioning in PSM1 and PSM2.
Keeping the temperature measurement active ensures that it is
not necessary to wait for the temperature measurement to settle
before using it for compensation.
Table 47. Temperature, Battery, and Supply Voltage Measurement SFRs
SFR Address
R/W
Name
Description
0xF9
R/W
STRBPER
Peripheral ADC Strobe Period (see Table 48).
0xF3
R/W
DIFFPROG
Temperature and Supply Delta Configuration (see Table 49).
0xD8
R/W
ADCGO
Start ADC Measurement (see Table 50).
0xFA
R/W
BATVTH
Battery Detection Threshold (see Table 51).
0xEF
R/W
VDCINADC
VDCIN ADC Value (see Table 52).
0xDF
R/W
BATADC
Battery ADC Value (see Table 53).
0xD7
R/W
TEMPADC
Temperature ADC Value (see Table 54).
Table 48. Peripheral ADC Strobe Period SFR (STRBPER, 0xF9)1
Bit
Mnemonic
Default
Description
7 to 6
Reserved
00
These bits should be left clear for proper operation.
Period for background external voltage measurements.
VDCIN_PERIOD[1:0]
Result
00
No VDCIN measurement
01
8 min
10
2 min
5 to 4
VDCIN_PERIOD[1:0]
0
11
1 min
Period for background battery level measurements.
BATT_PERIOD[1:0]
Result
00
No battery measurement
01
16 min
10
4 min
3 to 2
BATT_PERIOD[1:0]
0
11
1 min
Period for background temperature measurements.
TEMP_PERIOD[1:0]
Result
00
No temperature measurements
01
8 min
10
2 min
1 to 0
TEMP_PERIOD[1:0]
0
11
1 min
1 The strobing option only works when the RTCEN bit in RTC Configuration SFR (TIMECON, 0xA1) is set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com