Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7569ACPZF16 Datasheet(PDF) 86 Page - Analog Devices

Part # ADE7569ACPZF16
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7569ACPZF16 Datasheet(HTML) 86 Page - Analog Devices

Back Button ADE7569ACPZF16 Datasheet HTML 82Page - Analog Devices ADE7569ACPZF16 Datasheet HTML 83Page - Analog Devices ADE7569ACPZF16 Datasheet HTML 84Page - Analog Devices ADE7569ACPZF16 Datasheet HTML 85Page - Analog Devices ADE7569ACPZF16 Datasheet HTML 86Page - Analog Devices ADE7569ACPZF16 Datasheet HTML 87Page - Analog Devices ADE7569ACPZF16 Datasheet HTML 88Page - Analog Devices ADE7569ACPZF16 Datasheet HTML 89Page - Analog Devices ADE7569ACPZF16 Datasheet HTML 90Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 144 page
background image
ADE7566/ADE7569/ADE7166/ADE7169
Rev. A | Page 86 of 144
Mnemonic
Description
Bytes
Cycles
JNC rel
Jump on Carry Equal to 0.
2
3
JZ rel
Jump on Accumulator = 0.
2
3
JNZ rel
Jump on Accumulator Not Equal to 0.
2
3
DJNZ Rn,rel
Decrement Register, JNZ Relative.
2
3
LJMP
Long Jump Unconditional.
3
4
LCALL addr16
Long Jump to Subroutine.
3
4
JB bit,rel
Jump on Direct Bit = 1.
3
4
JNB bit,rel
Jump on Direct Bit = 0.
3
4
JBC bit,rel
Jump on Direct Bit = 1 and Clear.
3
4
CJNE A,dir,rel
Compare A, Direct JNE Relative.
3
4
CJNE A,#data,rel
Compare A, Immediate JNE Relative.
3
4
CJNE Rn,#data,rel
Compare Register, Immediate JNE Relative.
3
4
CJNE @Ri,#data,rel
Compare Indirect, Immediate JNE Relative.
3
4
DJNZ dir,rel
Decrement Direct Byte, JNZ Relative.
3
4
MISCELLANEOUS
NOP
No Operation.
1
1
READ-MODIFY-WRITE INSTRUCTIONS
Some 8052 instructions read the latch and others read the pin.
The state of the pin is read for instructions that input a port bit.
Instructions that read the latch rather than the pins are the ones
that read a value, possibly change it, and rewrite it to the latch.
Because these instructions involve modifying the port, it is
assumed that the pins being modified are outputs, so the output
state of the pin is read from the latch. This prevents a possible
misinterpretation of the voltage level of a pin. For example, if a
port pin is used to drive the base of a transistor, a 1 is written to
the bit to turn on the transistor. If the CPU reads the same port
bit at the pin rather than the latch, it reads the base voltage of
the transistor and interprets it as Logic 0. Reading the latch
rather than the pin returns the correct value of 1.
The instructions that read the latch rather than the pins are
called read-modify-write instructions and are listed in Table 65.
When the destination operand is a port or a port bit, these
instructions read the latch rather than the pin.
Table 65. Read-Modify-Write Instructions
Instruction
Example
Description
ANL
ANL P0,A
Logical AND.
ORL
ORL P1,A
Logical OR.
XRL
XRL P2,A
Logical EX-OR.
JBC
JBC P1.1,LABEL
Jump if Bit = 1 and Clear Bit.
CPL
CPL P2.0
Complement Bit.
INC
INC P2
Increment.
DEC
DEC P2
Decrement.
DJNZ
DJNZ P0,LABEL
Decrement and Jump if Not Zero.
MOV PX.Y,C1
MOV P0.0,C
Move Carry to Bit Y of Port X.
CLR PX.Y1
CLR P0.0
Clear Bit Y of Port X.
SETB PX.Y1
SETB P0.0
Set Bit Y of Port X.
1 These instructions read the port byte (all 8 bits), modify the addressed bit,
and write the new byte back to the latch.
INSTRUCTIONS THAT AFFECT FLAGS
Many instructions explicitly modify the carry bit, such as the
MOV C bit and CLR C instructions. Other instructions that
affect status flags are listed in this section.
ADD A, Source
This instruction adds the source to the accumulator. No status
flags are referenced by the instruction.
Affected Status Flags
C
Set if there is a carry out of Bit 7. Cleared otherwise.
Used to indicate an overflow if the operands are
unsigned.
OV
Set if there is a carry out of Bit 6 or a carry out of
Bit 7, but not if both are set. Used to indicate an
overflow for signed addition. This flag is set if two
positive operands yield a negative result or if two
negative operands yield a positive result.
AC
Set if there is a carry out of Bit 3. Cleared otherwise.
ADDC A, Source
This instruction adds the source and the carry bit to the accu-
mulator. The carry status flag is referenced by the instruction.
Affected Status Flags
C
Set if there is a carry out of Bit 7. Cleared otherwise.
Used to indicate an overflow if the operands are
unsigned.
OV
Set if there is a carry out of Bit 6 or a carry out of Bit 7,
but not if both are set. Used to indicate an overflow
for signed addition. This flag is set if two positive
operands yield a negative result or if two negative
operands yield a positive result.
AC
Set if there is a carry out of Bit 3. Cleared otherwise.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com