Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7569ACPZF16 Datasheet(PDF) 84 Page - Analog Devices

Part # ADE7569ACPZF16
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7569ACPZF16 Datasheet(HTML) 84 Page - Analog Devices

Back Button ADE7569ACPZF16 Datasheet HTML 80Page - Analog Devices ADE7569ACPZF16 Datasheet HTML 81Page - Analog Devices ADE7569ACPZF16 Datasheet HTML 82Page - Analog Devices ADE7569ACPZF16 Datasheet HTML 83Page - Analog Devices ADE7569ACPZF16 Datasheet HTML 84Page - Analog Devices ADE7569ACPZF16 Datasheet HTML 85Page - Analog Devices ADE7569ACPZF16 Datasheet HTML 86Page - Analog Devices ADE7569ACPZF16 Datasheet HTML 87Page - Analog Devices ADE7569ACPZF16 Datasheet HTML 88Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 144 page
background image
ADE7566/ADE7569/ADE7166/ADE7169
Rev. A | Page 84 of 144
INSTRUCTION SET
Table 64 documents the number of clock cycles required for each instruction. Most instructions are executed in one or two clock cycles,
resulting in a 4-MIPS peak performance.
Table 64. Instruction Set
Mnemonic
Description
Bytes
Cycles
ARITHMETIC
ADD A,Rn
Add Register to A.
1
1
ADD A,@Ri
Add Indirect Memory to A.
1
2
ADD A,dir
Add Direct Byte to A.
2
2
ADD A,#data
Add Immediate to A.
2
2
ADDC A,Rn 1 1
Add Register to A with Carry.
1
1
ADDC A,@Ri
Add Indirect Memory to A with Carry.
1
2
ADDC A,dir
Add Direct Byte to A with Carry.
2
2
ADD A,#data
Add Immediate to A with Carry.
2
2
SUBB A,Rn
Subtract Register from A with Borrow.
1
1
SUBB A,@Ri
Subtract Indirect Memory from A with Borrow.
1
2
SUBB A,dir
Subtract Direct from A with Borrow.
2
2
SUBB A,#data
Subtract Immediate from A with Borrow.
2
2
INC A
Increment A.
1
1
INC Rn
Increment Register.
1
1
INC @
Ri Increment Indirect Memory.
1
2
INC dir
Increment Direct Byte.
2
2
INC DPTR
Increment Data Pointer.
1
3
DEC A
Decrement A.
1
1
DEC Rn
Decrement Register.
1
1
DEC @Ri
Decrement Indirect Memory.
1
2
DEC dir
Decrement Direct Byte.
2
2
MUL AB
Multiply A by B.
1
9
DIV AB
Divide A by B.
1
9
DA A A
Decimal Adjust A.
1
2
LOGIC
ANL A,Rn
AND Register to A.
1
1
ANL A,@Ri
AND Indirect Memory to A.
1
2
ANL A,dir
AND Direct Byte to A.
2
2
ANL A,#data
AND Immediate to A.
2
2
ANL dir,A
AND A to Direct Byte.
2
2
ANL dir,#data
AND Immediate Data to Direct Byte.
3
3
ORL A,Rn
OR Register to A.
1
1
ORL A,@Ri
OR Indirect Memory to A.
1
2
ORL A,dir
OR Direct Byte to A.
2
2
ORL A,#data
OR Immediate to A.
2
2
ORL dir,A
OR A to Direct Byte.
2
2
ORL dir,#data
OR Immediate Data to Direct Byte.
3
3
XRL A,Rn
Exclusive-OR Register to A.
1
1
XRL A,@Ri
Exclusive-OR Indirect Memory to A.
2
2
XRL A,#data
Exclusive-OR Immediate to A.
2
2
XRL dir,A
Exclusive-OR A to Direct Byte.
2
2
XRL A,dir
Exclusive-OR Indirect Memory to A.
2
2
XRL dir,#data
Exclusive-OR Immediate Data To Direct.
3
3
CLR A
Clear A.
1
1
CPL A
Complement A.
1
1
SWAP A
Swap Nibbles of A.
1
1
RL A
Rotate A Left.
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com