Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EN25F80-75VIP Datasheet(PDF) 18 Page - Eon Silicon Solution Inc.

Part # EN25F80-75VIP
Description  8 Megabit Serial Flash Memory with 4Kbytes Uniform Sector
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN25F80-75VIP Datasheet(HTML) 18 Page - Eon Silicon Solution Inc.

Back Button EN25F80-75VIP Datasheet HTML 14Page - Eon Silicon Solution Inc. EN25F80-75VIP Datasheet HTML 15Page - Eon Silicon Solution Inc. EN25F80-75VIP Datasheet HTML 16Page - Eon Silicon Solution Inc. EN25F80-75VIP Datasheet HTML 17Page - Eon Silicon Solution Inc. EN25F80-75VIP Datasheet HTML 18Page - Eon Silicon Solution Inc. EN25F80-75VIP Datasheet HTML 19Page - Eon Silicon Solution Inc. EN25F80-75VIP Datasheet HTML 20Page - Eon Silicon Solution Inc. EN25F80-75VIP Datasheet HTML 21Page - Eon Silicon Solution Inc. EN25F80-75VIP Datasheet HTML 22Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc., www.essi.com.tw
or modifications due to changes in technical specifications.
18
EN25F80
Rev. E, Issue Date: 2007/11/23
Figure 16. Release Power-down Instruction Sequence Diagram
Figure 17. Release Power-down / Device ID Instruction Sequence Diagram
Read Manufacturer / Device ID (90h)
The Read Manufacturer/Device ID instruction is an alternative to the Release from Power-down /
Device ID instruction that provides both the JEDEC assigned manufacturer ID and the specific
device ID.
The Read Manufacturer/Device ID instruction is very similar to the Release from Power-down /
Device ID instruction. The instruction is initiated by driving the CS# pin low and shifting the
instruction code “90h” followed by a 24-bit address (A23-A0) of 000000h. After which, the Manufac-
turer ID for Eon (1Ch) and the Device ID are shifted out on the falling edge of CLK with most
significant bit (MSB) first as shown in Figure 17. The Device ID values for the EN25F80 are listed in
Table 5. If the 24-bit address is initially set to 000001h the Device ID will be read first



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com