Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EN25F80-75VIP Datasheet(PDF) 21 Page - Eon Silicon Solution Inc.

Part # EN25F80-75VIP
Description  8 Megabit Serial Flash Memory with 4Kbytes Uniform Sector
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN25F80-75VIP Datasheet(HTML) 21 Page - Eon Silicon Solution Inc.

Back Button EN25F80-75VIP Datasheet HTML 17Page - Eon Silicon Solution Inc. EN25F80-75VIP Datasheet HTML 18Page - Eon Silicon Solution Inc. EN25F80-75VIP Datasheet HTML 19Page - Eon Silicon Solution Inc. EN25F80-75VIP Datasheet HTML 20Page - Eon Silicon Solution Inc. EN25F80-75VIP Datasheet HTML 21Page - Eon Silicon Solution Inc. EN25F80-75VIP Datasheet HTML 22Page - Eon Silicon Solution Inc. EN25F80-75VIP Datasheet HTML 23Page - Eon Silicon Solution Inc. EN25F80-75VIP Datasheet HTML 24Page - Eon Silicon Solution Inc. EN25F80-75VIP Datasheet HTML 25Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc., www.essi.com.tw
or modifications due to changes in technical specifications.
21
EN25F80
Rev. E, Issue Date: 2007/11/23
Power-up Timing
Figure 21. Power-up Timing
Table 7. Power-Up Timing and Write Inhibit Threshold
Symbol
Parameter
Min.
Max.
Unit
tVSL(1)
VCC(min) to CS# low
10
µs
tPUW(1)
Time delay to Write instruction
1
10
ms
VWI(1)
Write Inhibit Voltage
1
2.5
V
Note:
1.The parameters are characterized only.
INITIAL DELIVERY STATE
The device is delivered with the memory array erased: all bits are set to 1 (each byte contains FFh). The
Status Register contains 00h (all Status Register bits are 0).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com