Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EN25F80-75VIP Datasheet(PDF) 12 Page - Eon Silicon Solution Inc.

Part # EN25F80-75VIP
Description  8 Megabit Serial Flash Memory with 4Kbytes Uniform Sector
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN25F80-75VIP Datasheet(HTML) 12 Page - Eon Silicon Solution Inc.

Back Button EN25F80-75VIP Datasheet HTML 8Page - Eon Silicon Solution Inc. EN25F80-75VIP Datasheet HTML 9Page - Eon Silicon Solution Inc. EN25F80-75VIP Datasheet HTML 10Page - Eon Silicon Solution Inc. EN25F80-75VIP Datasheet HTML 11Page - Eon Silicon Solution Inc. EN25F80-75VIP Datasheet HTML 12Page - Eon Silicon Solution Inc. EN25F80-75VIP Datasheet HTML 13Page - Eon Silicon Solution Inc. EN25F80-75VIP Datasheet HTML 14Page - Eon Silicon Solution Inc. EN25F80-75VIP Datasheet HTML 15Page - Eon Silicon Solution Inc. EN25F80-75VIP Datasheet HTML 16Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc., www.essi.com.tw
or modifications due to changes in technical specifications.
12
EN25F80
Rev. E, Issue Date: 2007/11/23
fined in Table 3.. The Write Status Register (WRSR) instruction also allows the user to set or reset
the Status Register Protect (SRP) bit in accordance with the Write Protect (WP#) signal. The Status
Register Protect (SRP) bit and Write Protect (WP#) signal allow the device to be put in the Hardware
Protected Mode (HPM). The Write Status Register (WRSR) instruction is not executed once the
Hardware Protected Mode (HPM) is entered.
NOTE : In the OTP mode, WRSR command will ignore input data and program OTP_LOCK bit to 1.
Figure 8. Write Status Register Instruction Sequence Diagram
Read Data Bytes (READ) (03h)
The device is first selected by driving Chip Select (CS#) Low. The instruction code for the Read Data
Bytes (READ) instruction is followed by a 3-byte address (A23-A0), each bit being latched-in during
the rising edge of Serial Clock (CLK). Then the memory contents, at that address, is shifted out on
Serial Data Output (DO), each bit being shifted out, at a maximum frequency fR, during the falling
edge of Serial Clock (CLK).
The instruction sequence is shown in Figure 9. The first byte addressed can be at any location. The
address is automatically incremented to the next higher address after each byte of data is shifted out.
The whole memory can, therefore, be read with a single Read Data Bytes (READ) instruction. When
the highest address is reached, the address counter rolls over to 000000h, allowing the read
sequence to be continued indefinitely.
The Read Data Bytes (READ) instruction is terminated by driving Chip Select (CS#) High. Chip
Select (CS#) can be driven High at any time during data output. Any Read Data Bytes (READ)
instruction, while an Erase, Program or Write cycle is in progress, is rejected without having any
effects on the cycle that is in progress.
Figure 9. Read Data Instruction Sequence Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com