Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4947R Datasheet(PDF) 2 Page - STMicroelectronics

Part # L4947R
Description  5V-0.5A VERY LOW DROP REGULATOR WITH RESET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4947R Datasheet(HTML) 2 Page - STMicroelectronics

  L4947R Datasheet HTML 1Page - STMicroelectronics L4947R Datasheet HTML 2Page - STMicroelectronics L4947R Datasheet HTML 3Page - STMicroelectronics L4947R Datasheet HTML 4Page - STMicroelectronics L4947R Datasheet HTML 5Page - STMicroelectronics L4947R Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
Vi
DC Input Voltage
DC Reverse Input Voltage
Transient Input Overvoltages :
Load Dump :
5ms
≤ trise ≤ 10ms
τf Fall Time Constant = 100ms
RSOURCE
≥ 0.5Ω
Field Decay :
5ms
≤ tfall ≤ 10ms, RSOURCE ≥ 10Ω
τr Rise Time Constant = 33ms
Low Energy Spike :
trise =1
µs, tfall = 500µs, RSOURCE ≥ 10Ω
fr Repetition Frequency = 5Hz
35
–18
80
–80
± 100
V
V
V
V
V
VR
Reset Output Voltage
35
V
TJ,Tstg
Junction and Storage Temperature Range
– 55 to 150
°C
Note: The circuit is ESD protected according to MIL-STD-883C.
THERMAL DATA
Symbol
Parameter
Value
Unit
Rth j-case
Thermal Resistance Junction-case
Max
3.5
°C/W
PIN CONNECTION (Top view)
TEST CIRCUIT
(*) Min. 20
µF, ESR < 10Ω over full temperature range RP (pull up resistor) and RL (load) are both equal to 1KΩ.
L4947 - L4947R
2/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com