Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4947R Datasheet(PDF) 3 Page - STMicroelectronics

Part # L4947R
Description  5V-0.5A VERY LOW DROP REGULATOR WITH RESET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4947R Datasheet(HTML) 3 Page - STMicroelectronics

  L4947R Datasheet HTML 1Page - STMicroelectronics L4947R Datasheet HTML 2Page - STMicroelectronics L4947R Datasheet HTML 3Page - STMicroelectronics L4947R Datasheet HTML 4Page - STMicroelectronics L4947R Datasheet HTML 5Page - STMicroelectronics L4947R Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
FUNCTIONAL DESCRIPTION
The L4947/L494 7R is a very low drop 5V/0.5A
voltage regulator provided with a reset function
and therefore particularly suited to meet the re-
quirements of supplying the microprocessor sys-
tems used in automotive and industrial applica-
tions.
The block diagram shows the basic structure of
the device : the reference, the error amplifier, the
driver, the power PNP, the protection and reset
functions.
The power stage is a Lateral PNP transistor
which allows a very low dropout voltage (typ.
400mV at TJ =25
°C, max. 750mV over the full
temperature range @ IO = 500mA). The typical
curve of the dropout voltage as a function of the
junction temperature is shown in Fig. 1 : that is
the worst case, where IO = 500mA.
ELECTRICAL CHARACTERISTICS (refer to the test circuit, Vi = 14. 4V, Co =47
µF, ESR < 10Ω,
Rp =1K
Ω,RL =1KΩ, –40°C ≤ TJ ≤ 125°C, unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Vo
Output Voltage
Io = 0mA to 500mA
Over Full T Range
TJ =25
°C
4.80
4.90
5.00
5.00
5.20
5.10
V
V
Vi
Operating Input Voltage
Io = 0mA to (*) 500mA
6
26
V
∆Vo
Line Regulation
Vi = 6V to 26V ;
Io = 5mA
210
mV
∆Vo
Load Regulation
Io = 5mA to 500mA
15
60
mV
Vi –Vo
Dropout Voltage
Io = 500mA, TJ =25
°C
Over Full T Range
0.40
0.55
0.75
V
V
Iq
Quiescent Current
Io = 0mA, TJ =25
°C
Io = 0mA Over Full T
Io = 500mA Over Full T
5
6.5
110
10
13
180
mA
mA
mA
Temperature Output Voltage
Drift
– 0.5
mV/
°C
SVR
Supply Volt. Rej.
Io = 350mA ; f = 120Hz
Co = 100
µF;
Vi = 12V
± 5Vpp
50
60
dB
Isc
Output Short Circuit Current
0.50
0.80
1.50
A
VR
Reset Output Saturation Voltage
1.5V < Vo <VRT (off),
IR = 1.6mA
3.0V < Vo <VRT (off),
IR = 8mA
0.40
0.40
V
V
IR
Reset Output Leakage Current
VO in Regulation, VR =5V
50
µA
VRT peak
Power On-Off Reset out Peak
Voltage
1K
Ω Reset Pull-up to Vo,TJ =
25
°C
0.50
0.80
V
VRT (off)
Power OFF Vo Threshold
TJ =25
°C
L4947: Vo @ Reset Out H to L
Transition
4.70
4.75
Vo–0.15
V
V
L4947R: Vo @ Reset Out H to
L Transition
4.55
Vo–0.30
V
VRT (on)
Power ON Vo Threshold
Vo @ Reset Out L to H
Transition
VRT (off)
+ 0.05
Vo –
0.04
V
VHyst
Power ON-Off Hysteresis
VRT (on) –VRT (off)
0.05
V
Vd
Delay Comparator Threshold
Vd @ Reset Out L to H
Transition
3.65
4.00
4.35
V
Vd @ Reset Out H to L
Transition
3.20
3.55
3.90
V
VdH
Delay Comparator Hysteresis
0.45
V
Id
Delay Capacitor Charging
Current
Vd = 3V, TJ =25
°C20
/
µA
Vdisch
Delay Capacitor Discharge
Voltage
Vo <VRT (off)
0.55
1.20
V
Td
Power on Reset Delay Time
Cd = 100nF, TJ =25
°C
102030
ms
(*) For a DC voltage 26 < Vi < 37V the device is not operating
∆Vo
T
L4947 - L4947R
3/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com