Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4947R Datasheet (PDF) - STMicroelectronics

L4947R Datasheet PDF - STMicroelectronics
Part # L4947R
Download  L4947R Download
File Size   57.78 Kbytes
Page   6 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 5V-0.5A VERY LOW DROP REGULATOR WITH RESET

L4947R Datasheet (PDF)

Go To PDF Page Download Datasheet
L4947R Datasheet PDF - STMicroelectronics

Part # L4947R
Download  L4947R Click to download

File Size   57.78 Kbytes
Page   6 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 5V-0.5A VERY LOW DROP REGULATOR WITH RESET

L4947R Datasheet (HTML) - STMicroelectronics


L4947R Product details

DESCRIPTION

The L4947/L4947R is a monolithic integrated circuit in Pentawatt package specially designed to provide a stabilized supply voltage for automotive and industrial electronic systems. Thanks to its very low voltage drop, in automotive applications the L4947/L4947R can work correctly even during the cranking phase, when the battery voltage could fall as low as 6V. Furthermore, it incorporates a complete range of protection circuits against the dangerous overvoltages always present on the battery rail of the car. The reset function makes the device particularly suited to supply microprocessor based systems : a signal is available (after an externally programmable delay) to reset the microprocessor at power-on phase ; at power-off, this signal becomes low inhibiting the microprocessor.



■ PRECISE OUTPUT VOLTAGE (5V ± 4%) OVER FULL TEMPERATURE RANGE (– 40 / 125 °C)

■ VERY LOW VOLTAGE DROP (0.75Vmax) OVER FULL T RANGE

■ OUTPUT CURRENT UP TO 500mA

■ RESET FUNCTION

■ POWER-ON RESET DELAY PULSE DEFINED BY THE EXTERNAL CAPACITOR

■ + 80V LOAD DUMP PROTECTION

■ – 80V LOAD DUMP PROTECTION

■ REVERSE VOLTAGE PROTECTION

■ SHORT CIRCUIT PROTECTION AND THER MAL SHUT-DOWN (with hysteresis)

■ LOW START UP CURRENT



 




Similar Part No. - L4947R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
L4947 ETC2-L4947 Datasheet
56Kb / 3P
VERY LOW DROP 5V VOLTAGE REGULATOR WITH RESET
logo
STMicroelectronics
L4947PD STMICROELECTRONICS-L4947PD Datasheet
53Kb / 6P
5V-0.5A VERY LOW DROP REGULATOR WITH RESET
Jun-2000
More results


Similar Description - L4947R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L387A STMICROELECTRONICS-L387A Datasheet
81Kb / 6P
VERY LOW DROP 5V REGULATOR WITH RESET
Oct-1991
L4922 STMICROELECTRONICS-L4922 Datasheet
50Kb / 6P
VERY LOW DROP REGULATOR WITH RESET
Jun-2000
L4923 STMICROELECTRONICS-L4923 Datasheet
53Kb / 6P
WITH RESET AND INHIBIT 5V.1A VERY LOW DROP REGULATOR
Jun-2000
L4941 STMICROELECTRONICS-L4941 Datasheet
948Kb / 14P
VERY LOW DROP 1A REGULATOR
Jan-2004
L4945 STMICROELECTRONICS-L4945 Datasheet
43Kb / 6P
5V VERY LOW DROP VOLTAGE REGULATOR
Mar-1999
L4947PD STMICROELECTRONICS-L4947PD Datasheet
53Kb / 6P
5V-0.5A VERY LOW DROP REGULATOR WITH RESET
Jun-2000
L387A STMICROELECTRONICS-L387A_03 Datasheet
245Kb / 6P
VERY LOW DROP 5V REGULATOR WITH RESET
Jul-2003
L4941 STMICROELECTRONICS-L4941_06 Datasheet
952Kb / 17P
Very low drop 1A regulator
15-Sep-2006
L387AH STMICROELECTRONICS-L387AH Datasheet
262Kb / 6P
VERY LOW DROP 5V REGULATOR WITH RESET
Jul-2003
logo
List of Unclassifed Man...
L487 ETC2-L487 Datasheet
56Kb / 3P
VERY LOW DROP 5V VOLTAGE REGULATOR WITH RESET
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com