Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC9282B2CD Datasheet(PDF) 11 Page - Torex Semiconductor

Part # XC9282B2CD
Description  HiSAT-COT ® Control Extremely Small 600mA Step-Down DC/DC Converters
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9282B2CD Datasheet(HTML) 11 Page - Torex Semiconductor

Back Button XC9282B2CD Datasheet HTML 7Page - Torex Semiconductor XC9282B2CD Datasheet HTML 8Page - Torex Semiconductor XC9282B2CD Datasheet HTML 9Page - Torex Semiconductor XC9282B2CD Datasheet HTML 10Page - Torex Semiconductor XC9282B2CD Datasheet HTML 11Page - Torex Semiconductor XC9282B2CD Datasheet HTML 12Page - Torex Semiconductor XC9282B2CD Datasheet HTML 13Page - Torex Semiconductor XC9282B2CD Datasheet HTML 14Page - Torex Semiconductor XC9282B2CD Datasheet HTML 15Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
11/30
XC9281/XC9282
Series
■OPERATIONAL EXPLANATION
This IC consists of a reference voltage source, error amplifier, comparator, phase compensation, on time generation circuit,
output voltage adjustment resistors, current limiter circuit, UVLO circuit, PWM/PFM selection circuit and so on.
BLOCK DIAGRAM (XC9281/XC9282 Series Type B)
The control method is HiSAT-COT (High Speed circuit Architecture for Transient with Constant On Time), which features the
On time control method and the fast transient response with low ripple voltage.
<Nomal operation>
In HiSAT-COT control, ON time (tON) dependent on input voltage and output voltage is generated and Pch MOS driver Tr. Is
turned on. On time is set as follows.
IC with 4MHz :
tON = (VOUT / VIN) x 250ns
IC with 6MHz :
tON = (VOUT / VIN) x 167ns
The off time (tOFF) is controlled by comparing the output voltage and the reference voltage with the error amplifier and the
comparator. Specifically, the reference voltage and a voltage which is obtained by dividing the output voltage with R1 and R2 are
compared with using the error amplifier, apply phase compensation to the output of the error amplifier, and send it to the
comparator. In the comparator, the output of the error amplifier is compared with the reference voltage, and when it falls below
the reference voltage, the SR latch is set and it becomes the ON period again.
The XC9281 series (PWM control) operates in continuous conduction mode and operates at a stable oscillation frequency
regardless of the load. The oscillation frequency can be obtained by the following equation.
fOSC = (VOUT / VIN) x (1 / tON)
The XC9282 series (PWM/PFM automatic switching control) lowers the oscillation frequency at light load by operating in
discontinuous conduction mode at light load. By this operation, it is possible to reduce switching loss at light load and achieve
high efficiency from light load to heavy load.
In the phase compensation circuit, the frequency characteristic of the error amplifier is optimized, and ramp waves which are
similar to ripple voltages generated at the output are generated to modulate the output signal of the error amplifier. This enables
a stable feedback system to be obtained even when a low ESR capacitor such as a ceramic capacitor is used, and a fast transient
response and stabilization of the output voltage are achieved.
ILX
VLX
tON
0mA
0V
fOSC
IOUT
0mA
VLX
tON
fOSC
ILX
0V
IOUT
Continuous Conduction Mode waveform
Discontinuous Conduction Mode waveform
+
-
Vref with
Soft Start
S
R
Q
On Time
Generator
VIN
VOUT
Synch.
Buffer
Driver
Logic
Current Limit
CE Control Logic,
UVLO
CL Auto-Discharge
-
+
Phase
Compensation
Error Amp.
Comparator
CFB
R2
R1
GND
Lx
VIN
CE
PWM/PFM
Selector
VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com