Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC9282B2CD Datasheet(PDF) 13 Page - Torex Semiconductor

Part # XC9282B2CD
Description  HiSAT-COT ® Control Extremely Small 600mA Step-Down DC/DC Converters
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9282B2CD Datasheet(HTML) 13 Page - Torex Semiconductor

Back Button XC9282B2CD Datasheet HTML 9Page - Torex Semiconductor XC9282B2CD Datasheet HTML 10Page - Torex Semiconductor XC9282B2CD Datasheet HTML 11Page - Torex Semiconductor XC9282B2CD Datasheet HTML 12Page - Torex Semiconductor XC9282B2CD Datasheet HTML 13Page - Torex Semiconductor XC9282B2CD Datasheet HTML 14Page - Torex Semiconductor XC9282B2CD Datasheet HTML 15Page - Torex Semiconductor XC9282B2CD Datasheet HTML 16Page - Torex Semiconductor XC9282B2CD Datasheet HTML 17Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
13/30
XC9281/XC9282
Series
■OPERATIONAL EXPLANATION(Continued)
<UVLO function>
When the VIN voltage becomes 2.0V (TYP.) or less, the UVLO function operates to forcibly turn off the Pch MOS driver transistor
to prevent erroneous pulse output due to operation instability of the internal circuit. When the VIN voltage becomes 2.1V (TYP.) or
more, the UVLO function is canceled. After the UVLO function is canceled, the output voltage rises with the soft start function,
and then the normal operation is performed. Moreover, during the UVLO operation, the internal circuit is operating because
stopping by UVLO is not same to a standby mode and just switching operation is stopped.
<CL Discharge function>
B type can discharge in a fast manner the output capacitor by internal Nch MOS transistor connected to VOUT pin in order to
prevent malfunction of application due to charge remaining in output capacitor during standby. The output voltage during
discharging can be calculated by the following equation.
V = VOUT (T) × e -t /
τ
t =τLn (VOUT (T) / V)
V
: Output voltage during discharge
VOUT (T)
: Output voltage
t
: Discharge time
CL
: Effective capacitance of Output capacitor
RDCHG
: CL auto-discharge resistance
τ
: CL×RDCHG
Output Voltage Discharge characteristics
RDCHG =
145Ω (TYP.), CL=4.7μF
V
OUT (T)
= 1.0V
V
OUT (T)
= 1.8V
V
OUT (T)
= 3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com