Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC9282B2CD Datasheet(PDF) 5 Page - Torex Semiconductor

Part # XC9282B2CD
Description  HiSAT-COT ® Control Extremely Small 600mA Step-Down DC/DC Converters
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9282B2CD Datasheet(HTML) 5 Page - Torex Semiconductor

  XC9282B2CD Datasheet HTML 1Page - Torex Semiconductor XC9282B2CD Datasheet HTML 2Page - Torex Semiconductor XC9282B2CD Datasheet HTML 3Page - Torex Semiconductor XC9282B2CD Datasheet HTML 4Page - Torex Semiconductor XC9282B2CD Datasheet HTML 5Page - Torex Semiconductor XC9282B2CD Datasheet HTML 6Page - Torex Semiconductor XC9282B2CD Datasheet HTML 7Page - Torex Semiconductor XC9282B2CD Datasheet HTML 8Page - Torex Semiconductor XC9282B2CD Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
5/30
XC9281/XC9282
Series
■ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNITS
VIN Pin Voltage
VIN
-0.3 ~ 6.2
V
Lx Pin Voltage
VLx
-0.3 ~ VIN + 0.3 or 6.2(*1)
V
VOUT Pin Voltage
VOUT
-0.3 ~ VIN + 0.3 or 4.0(*2)
V
CE Pin Voltage
VCE
-0.3 ~ 6.2
V
Power Dissipation
(Ta=25℃)
LGA-6B01
Pd
760 (JESD51-7 board) (*3)
mW
WLP-5-06
500 (JESD51-7 board) (*3)
Operating Ambient Temperature
Topr
-40 ~ 105
℃
Storage Temperature
Tstg
-55 ~ 125
℃
* All voltages are described based on the GND pin.
(*1) The maximum value should be either VIN+0.3V or +6.2V in the lowest
.
(*2) The maximum value should be either VIN+0.3V or +4.0V in the lowest.
(*3) The power dissipation figure shown is PCB mounted and is for reference only.
The mounting condition is please refer to PACKAGING INFORMATION.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com