Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4948 Datasheet(PDF) 3 Page - STMicroelectronics

Part # L4948
Description  QUAD VOLTAGE REGULATOR WITH INHIBIT AND RESET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4948 Datasheet(HTML) 3 Page - STMicroelectronics

  L4948 Datasheet HTML 1Page - STMicroelectronics L4948 Datasheet HTML 2Page - STMicroelectronics L4948 Datasheet HTML 3Page - STMicroelectronics L4948 Datasheet HTML 4Page - STMicroelectronics L4948 Datasheet HTML 5Page - STMicroelectronics L4948 Datasheet HTML 6Page - STMicroelectronics L4948 Datasheet HTML 7Page - STMicroelectronics L4948 Datasheet HTML 8Page - STMicroelectronics L4948 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
ELECTRICAL CHARACTERISTICS (VS = 10.5 to 16V; IO1 = 6mA, IO2 = 8mA, IO3 = 4mA; IO4 = 0.4mA;
CO =10
µF max; Tamb = -40 to 85°C, unless otherwise specified.)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VO1
Output Voltage
IO1 = 300mA; Tamb =25
°C;
11V < VS < 16V all temps
9.7
9.5
10
10
10.3
10.5
V
V
∆VO1
Load Regulation
IO1 = 6 to 300mA
150
mV
IQ
Quiescent Current (
∆IS)VS = 14V; IO1 = 6mA;
VS =14V ; IO1 = 300mA;
10
30
mA
mA
VS-VO1
Dropout Voltage
IO1 = 300mA
Tamb =25
°C;
all temps
400
600
mV
mV
ΙL
Current Limit (Foldback) note1
VO1 = 0V
360
800
mA
VO1
Max Bat.Trans.
RO = 100
Ramp VS from 14 to 60V in 3-5ms
11
V
Hold VS at 60V for 10ms
Ramp VS from60 to 14V in 3-5ms;
Tamb =25
°C;
all temps
9.7
9.5
10
10
2
10.3
10.5
V
V
V
VO1
Rev. Voltage Trans.
VS = -35V; t
≤ 1ms; RO = 100Ω
Check VO1,Tamb =25
°C;
all temps
9.7
9.5
10
10
10.3
10.5
V
V
VO1
Rev. Voltage .
VS = -15V; RO = 100
-0.4
1
V
Ripple rejection
fO =1KHz; 1VppAC ; VS =14V
IO1 = 180mA; IO2 = 200mA;
IO3 = 400mA; IO4 = 40mA;
50
dB
fO =10KHz; 1VppAC ; VS =14V
IO1 = 180mA; IO2 = 200mA;
IO3 = 400mA; IO4 = 40mA;
50
dB
∆VO1
Line Regulation
∆VO1 across VS range
VS = 11V to 26V
50
mV
Output Noise
Check Output for AC noise
using a 100KHz LP filter
Check Output for AC noise
using an A weighted filter (20-
20KHz)
400
200
µV
µV
VO2
Output Voltage
IO2 = 400mA; Tamb =25
°C;
all temps
7.75
7.60
8
8
8.25
8.40
V
V
∆VO2
Load Regulation
IO2 = 8 to 400mA
150
mV
∆IQ
Quiescent Current (
∆IS)VS = 14V; IO2 = 8mA;
VS = 14V; IO2 = 400mA;
10
35
mA
mA
VS-VO2
Dropout Voltage
IO2 = 400mA
set VS =VO2+1V; Tamb =25
°C;
set VS =VO2+1.5V;all temps
400
600
mV
mV
ΙL
Current Limit (Foldback) note1
VO2 = 0V
480
960
mA
VO2
Max Bat.Trans.
RO = 100
Ramp VS from 14 to 60V in 3-5ms
9
V
Hold VS at 60V for 10ms
Ramp VS from60 to 14V in 3-5ms;
Tamb =25
°C;
all temps
7.75
7.60
8
8
2
8.25
8.40
V
V
V
L4948
3/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com