Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4948 Datasheet(PDF) 5 Page - STMicroelectronics

Part # L4948
Description  QUAD VOLTAGE REGULATOR WITH INHIBIT AND RESET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4948 Datasheet(HTML) 5 Page - STMicroelectronics

  L4948 Datasheet HTML 1Page - STMicroelectronics L4948 Datasheet HTML 2Page - STMicroelectronics L4948 Datasheet HTML 3Page - STMicroelectronics L4948 Datasheet HTML 4Page - STMicroelectronics L4948 Datasheet HTML 5Page - STMicroelectronics L4948 Datasheet HTML 6Page - STMicroelectronics L4948 Datasheet HTML 7Page - STMicroelectronics L4948 Datasheet HTML 8Page - STMicroelectronics L4948 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
ELECTRICAL CHARACTERISTICS (continued)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VO4
Max Bat.Trans.
RO = 100
0Ω
Ramp VS from 14 to 60V in 3-5ms
6
V
Hold VS at 60V for 10ms
Ramp VS from60 to 14V in 3-5ms;
Tamb =25
°C;
all temps
4.85
4.75
5
5
6
5.15
5.25
V
V
V
VO4
Rev. Voltage Trans.
VS = -35V; t < 1ms; RO = 100
0Ω
Check VO4, standard Tamb =25
°C;
all temps
4.85
4.75
5
5
5.15
5.25
V
V
VO4
Rev. Voltage .
VS = -15V; RO = 1000
Ω
-0.4
1
V
Ripple rejection
fO =1KHz; 1VppAC ; VS =14V
IO1 = 180mA; IO2 = 200mA;
IO3 = 400mA; IO4 = 40mA;
50
dB
fO = 10KHz; 1VppAC ; VS =14V
IO1 = 180mA; IO2 = 200mA;
IO3 = 400mA; IO4 = 40mA;
50
dB
Output Noise
Check Output for AC noise
using a 100KHz LP filter
Check Output for AC noise
using an A weighted filter (20-
20KHz)
400
200
µV
µV
ON/OFF
Input Current
VS = 14V; VIH = >2V;
VS = 14V; VIL = <0.8V;
-10
1
µA
µA
VI ON/OFF
Input Threshold
VS = 14V VIL
VS = 14V VIH
0
2
0.8
12
V
V
VR
Reset Output Voltage Set
VS so that VO4 < 4.5V;
RO =200K
Ω to V04;VIL = ”0”
0
0.75
V
VS so that VO4 -0.15V;
RO =200K
Ω to V04;VIH =”1”
2.75
5
V
LVW and Reset fall Time Set
Measured from 90% to 10%
150
µs
LVW and Reset Rise Time
Measured from 90% to 100%
300
µs
LVW Output Threshold
Ramp VS down until LVW
switches from”1” to a ”0”
7.0
8.2
V
LVW Output Voltage
STCAP <6.5V;RO =200K
Ω to
VO4;VIL = ”0”
0
0.75
V
STCAP >7.5V;RO =200K
Ω to
VO4;VIH =”1”
2.75
50
V
Reset Output Stability
VS is set such that 1 < V04 <
4V; IOUT4 = 2mA; VON/OFF =0
meas reset variation
50
mV
Iq
St-By Quiescent Current (
∆IS)VON/OFF =0V; IO4 = 100mA;
VS = 14V; IO1,2,3 = 0mA
20
mA
VON/OFF =0V; IO4 = 2mA;
Vbat = 14V; IO1,2,3 = 0mA
500
µA
Maximum Quiescent Current
(
∆IS)
VS = 14V; IO1 = 300mA;
IO2 = 400mA; IO3 = 600mA;
IO4 = 100mA; VO =5V
110
mA
STCAP Output Voltage
VS =24V;
VS = 60V. 1ms
15
17
18
V
V
Note 1:
The L4948 has ”Foldback” on its outputs during current limiting. As the output loading is increasing the current supplied by the L4948 increases
until a threshold is reached. When the current limiting threshold is reached, the L4948 output current will start to accrease as the loading is
continuoing to increase. The point where the output current stort to decrease is the maximum output current.
L4948
5/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com