Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4948 Datasheet (PDF) - STMicroelectronics

Part # L4948
Description  QUAD VOLTAGE REGULATOR WITH INHIBIT AND RESET
File Size   88.94 Kbytes
Html View  1   2   3   4   5   6   7   8   9 
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4948 Datasheet (PDF) - STMicroelectronics



Similar Part No. - L4948

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4940 STMICROELECTRONICS-L4940 Datasheet
129Kb / 13P
VERY LOW DROP 1.5 A REGULATORS
Nov-1999
L4940D2T10 STMICROELECTRONICS-L4940D2T10 Datasheet
129Kb / 13P
VERY LOW DROP 1.5 A REGULATORS
Nov-1999
L4940D2T10-TR STMICROELECTRONICS-L4940D2T10-TR Datasheet
1Mb / 23P
Very low drop 1.5 A regulator
20-Feb-2008
L4940D2T12 STMICROELECTRONICS-L4940D2T12 Datasheet
129Kb / 13P
VERY LOW DROP 1.5 A REGULATORS
Nov-1999
L4940D2T12-TR STMICROELECTRONICS-L4940D2T12-TR Datasheet
1Mb / 23P
Very low drop 1.5 A regulator
20-Feb-2008
More results


Similar Description - L4948

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4923 STMICROELECTRONICS-L4923 Datasheet
53Kb / 6P
WITH RESET AND INHIBIT 5V.1A VERY LOW DROP REGULATOR
Jun-2000
L4946 STMICROELECTRONICS-L4946 Datasheet
88Kb / 9P
QUAD VOLTAGE REGULATOR WITH INHIBIT AND RESET
Jun-2000
L4946B STMICROELECTRONICS-L4946B Datasheet
88Kb / 9P
QUAD VOLTAGE REGULATOR WITH INHIBIT AND RESET
Jun-2000
TDA8139 STMICROELECTRONICS-TDA8139 Datasheet
84Kb / 5P
5.1V AND ADJUSTABLE VOLTAGE REGULATOR WITH DISABLE AND RESET
Sep-1993
logo
TOKO, Inc
TK119XX TOKO-TK119XX Datasheet
134Kb / 23P
VOLTAGE REGULATOR WITH RESET OUTPUT
logo
STMicroelectronics
LHC4913 STMICROELECTRONICS-LHC4913 Datasheet
77Kb / 6P
3A POSITIVE LOW DROP VOLTAGE REGULATOR WITH INHIBIT FUNCTION
August 2002
logo
ON Semiconductor
NCV7425 ONSEMI-NCV7425 Datasheet
367Kb / 20P
LIN Transceiver with Voltage Regulator and Reset Pin
May, 2012 ??Rev. 1
logo
Taiwan Semiconductor Co...
TS2938CS12 TSC-TS2938CS12 Datasheet
102Kb / 6P
500mA Ultra Low Dropout Voltage Regulator with Inhibit Function
logo
ON Semiconductor
NCV7425 ONSEMI-NCV7425_15 Datasheet
291Kb / 20P
LIN Transceiver with Voltage Regulator and Reset Pin
May, 2015 ??Rev. 3
logo
STMicroelectronics
LEXX STMICROELECTRONICS-LEXX Datasheet
1Mb / 24P
Very low-dropout voltage regulator with inhibit function
03-May-2017
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com