Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2498 Datasheet(PDF) 10 Page - RF Micro Devices

Part # RF2498
Description  TRI-BAND/QUAD-MODE CDMA/GPS LOW NOISE AMPLIFIER/MIXER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2498 Datasheet(HTML) 10 Page - RF Micro Devices

Back Button RF2498_1 Datasheet HTML 6Page - RF Micro Devices RF2498_1 Datasheet HTML 7Page - RF Micro Devices RF2498_1 Datasheet HTML 8Page - RF Micro Devices RF2498_1 Datasheet HTML 9Page - RF Micro Devices RF2498_1 Datasheet HTML 10Page - RF Micro Devices RF2498_1 Datasheet HTML 11Page - RF Micro Devices RF2498_1 Datasheet HTML 12Page - RF Micro Devices RF2498_1 Datasheet HTML 13Page - RF Micro Devices RF2498_1 Datasheet HTML 14Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
10 of 22
RF2498
Rev A3 DS030711
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Pin
Function
Type Description
Interface Schematic
1GPS+
AO
GPS IF output. Open collector.
2GPS-
AO
GPS IF output. Open collector.
See pin 1.
3CDMA+
AO
CDMA IF output. Open collector.
4CDMA-
AO
CDMA IF output. Open collector.
See pin 3.
5FM+
AO
FM IF output. Open collector. “Current combiner” IF interface to
SAW filter recommended. (See “IF Output Matching Network” sec-
tion.)
6FM-
AO
FM IF output. Open collector. “Current combiner” IF interface to
SAW filter recommended. (See “IF Output Matching Network” sec-
tion.)
See pin 5.
7VCC2
P
VCC connection for internal LO amplifiers. Internal RF bypass
capacitor. External bypass capacitor between 1nF and 47nF
required.
8LO IN
AI
LO single-end input. Matched to 50
Ω.
9
LO OUT
AO
LO output. Internal DC block.
10
/2 SELECT
DI
Logic input. Low enables /2 circuitry in cellular mode.
The divider is disabled when BAND SEL (pin 27) is high, regard-
less of the state of pin 10. The divider can only be enabled when
BAND SEL is low and pin10 is low. Pin 10 can be tied to a low
state allowing BANDSEL (pin 27) to control the LO divider func-
tion, if using a single LO input source.
See pin 11.
11
TX BUFF
ENABLE
DI
Logic input. High enables TX LO output buffer amplifiers.
12
PCS RFA VCC
P
VCC connection for PCS mixer preamplifier.
13
PCS MIX IN
AI
PCS mixer RF single-end input.
14
CELL MIX IN
AI
Cellular mixer RF single-end input. Matched to 50
Ω.
GPS+
GPS-
CDMA+
CDMA-
FM+
FM-
LO IN
70
Ω
TX BUF
PCS MIX IN
CELL MIX IN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com