Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2498 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF2498
Description  TRI-BAND/QUAD-MODE CDMA/GPS LOW NOISE AMPLIFIER/MIXER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2498 Datasheet(HTML) 1 Page - RF Micro Devices

  RF2498_1 Datasheet HTML 1Page - RF Micro Devices RF2498_1 Datasheet HTML 2Page - RF Micro Devices RF2498_1 Datasheet HTML 3Page - RF Micro Devices RF2498_1 Datasheet HTML 4Page - RF Micro Devices RF2498_1 Datasheet HTML 5Page - RF Micro Devices RF2498_1 Datasheet HTML 6Page - RF Micro Devices RF2498_1 Datasheet HTML 7Page - RF Micro Devices RF2498_1 Datasheet HTML 8Page - RF Micro Devices RF2498_1 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
1 of 22
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Ordering Information
32
1
9
17
2
3
4
5
6
7
8
10
11
12
13
14
15
16
24
23
22
21
20
19
18
31
30
29
28
27
26
25
GPS+
GPS-
CDMA+
CDMA-
FM+
FM-
VCC2
LO IN
CELL LNA OUT
LNA GAIN
CELL LNA IN
CELL LNA EMITTER
PCS LNA OUT
IP SET
PCS LNA IN
GPS LNA IN
RF2498
TRI-BAND/QUAD-MODE CDMA/GPS
LOW NOISE AMPLIFIER/MIXER
The RF2498 is a high performance CDMA tri-band/quad-mode integrated
LNA/mixer with GPS capability. The device is designed to meet all IS-98
sensitivity, intermodulation and single-tone requirements. The RF2498
integrates the tri-band LNA/downconverters with 27.5dB of gain control
for the cellular band and 29dB for the PCS band. The RF2498 is designed
for three state gain control solutions for IS-98 IMD testing. The device
offers a dedicated GPS LNA/mixer with 37dB of gain. Additionally, a
divide-by-2 prescaler to allow the use of either a single- or dual-band VCO
is integrated. There is also a TX LO buffer. The design is flexible, in that the
bias currents may be set using off-chip current reference resistors for the
mixer and LNA blocks. The device is packaged in a plastic, 5mmx5mm,
leadless chip carrier.
Features
GPS Receive Front-End
Gain=37dB
Meets IMD Tests with Three
Gain States/Two Logic Con-
trol Lines
Adjustable Mixer and LNA
Bias Current
Selectable Divide-by-2 Pres-
caler
Integrated TX LO Buffer Ampli-
fier
Applications
CDMA/Cellular/PCS/GPS
Handsets
JCDMA/GPS Handsets
CDMA Modem/Data Cards
Commercial and Consumer
Systems
Portable Battery-Powered
Equipment
RF2498
Tri-Band/Quad-Mode CDMA/GPS Low Noise Amplifier/Mixer
RF2498PCBA-41X
Fully Assembled Evaluation Board
Rev A3 DS030711
RF2498Tri-
Band/Quad-
Mode
CDMA/GPS
Low Noise
Ampli-
fier/Mixer
Package Style: QFN, 32-Pin, 5x5


Similar Part No. - RF2498_1

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2498PCBA RFMD-RF2498PCBA Datasheet
723Kb / 20P
TRI-BAND/QUAD-MODE CDMA/GPS LOW NOISE AMPLIFIER/MIXER
RF2498PCBA RFMD-RF2498PCBA Datasheet
682Kb / 20P
TRI-BAND/QUAD-MODE CDMA/GPS LOW NOISE AMPLIFIER/MIXER
RF2498 RFMD-RF2498_07 Datasheet
682Kb / 20P
TRI-BAND/QUAD-MODE CDMA/GPS LOW NOISE AMPLIFIER/MIXER
More results

Similar Description - RF2498_1

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2489 RFMD-RF2489 Datasheet
490Kb / 16P
DUAL-BAND/TRI-MODE CDMA LOW NOISE AMPLIFIER/MIXER
RF3404 RFMD-RF3404 Datasheet
202Kb / 12P
DUAL-BAND/TRI-MODE CDMA LOW NOISE AMPLIFIER/MIXER MODULE
RF2870 RFMD-RF2870 Datasheet
400Kb / 14P
CDMA LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
RF2890 RFMD-RF2890 Datasheet
183Kb / 14P
DUAL-BAND CDMA CELLULAR/GPS LOW NOISE AMPLIFIER/MIXER
RF2498 RFMD-RF2498 Datasheet
723Kb / 20P
TRI-BAND/QUAD-MODE CDMA/GPS LOW NOISE AMPLIFIER/MIXER
logo
ATMEL Corporation
TO353 ATMEL-TO353 Datasheet
213Kb / 11P
2.8 V Tri-band/ Quad-mode RF Receiver for CDMA/AMPS/ GPS
logo
RF Micro Devices
RF2489 RFMD-RF2489_07 Datasheet
797Kb / 30P
DUAL-BAND/TRI-MODE CDMA LOW NOISE AMPLIFIER/MIXER
RF2498 RFMD-RF2498_07 Datasheet
682Kb / 20P
TRI-BAND/QUAD-MODE CDMA/GPS LOW NOISE AMPLIFIER/MIXER
RF2861 RFMD-RF2861_06 Datasheet
124Kb / 14P
CDMA LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
RF2861 RFMD-RF2861_12 Datasheet
773Kb / 15P
CDMA LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com