Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2498 Datasheet(PDF) 8 Page - RF Micro Devices

Part # RF2498
Description  TRI-BAND/QUAD-MODE CDMA/GPS LOW NOISE AMPLIFIER/MIXER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2498 Datasheet(HTML) 8 Page - RF Micro Devices

Back Button RF2498_1 Datasheet HTML 4Page - RF Micro Devices RF2498_1 Datasheet HTML 5Page - RF Micro Devices RF2498_1 Datasheet HTML 6Page - RF Micro Devices RF2498_1 Datasheet HTML 7Page - RF Micro Devices RF2498_1 Datasheet HTML 8Page - RF Micro Devices RF2498_1 Datasheet HTML 9Page - RF Micro Devices RF2498_1 Datasheet HTML 10Page - RF Micro Devices RF2498_1 Datasheet HTML 11Page - RF Micro Devices RF2498_1 Datasheet HTML 12Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
8 of 22
RF2498
Rev A3 DS030711
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Cascaded Performance (Typical Values for VCC=2.75V)
NOTE: All total current numbers include bias circuitry current of 1.5mA to 2.0mA (dependent on mode).
CELL CDMA
LNA ON
LNA OFF
LNA ON
LNA OFF
Parameter
LNA at Max IIP3, IPSET=1
Mixer Preamp On
Mixer Preamp Off
Cascaded:
Gain (dB)
25.0
7.5
15.0
-2.5
Noise Figure (dB)
2.1
13.0
4.5
19.5
Input IP3 (dBm)
-8.5
+8.9
+0.6
+17.6
LO to IF Isolation (dB)
30
30
30
30
IF1 to RF Isolation (dB)
40
40
40
40
IF2 to RF Isolation (dB)
40
40
40
40
LO to LNA IN Isolation (dB)
45
45
45
45
Total Current (mA)
*27.0
20.5
*22.0
15.5
NOTE: Assumes 3dB image filter insertion loss. The TX Buffer Enable is off. Div/2 function is off.
Numbers represent high linearity LNA bias setting IPSET=1.
*For Paging mode set IPSET=0. Total current reduced 2mA.
FM/JCDMA
Parameter
LNA ON
LNA OFF
LNA ON
LNA OFF
Mixer Preamp On
Mixer Preamp Off
Cascaded:
Gain (dB)
24.5
7.5
14.5
-2.5
Noise Figure (dB)
2.1
13.0
4.8
19.5
Input IP3 (dBm)
-8.1
+8.9
+1.6
+18.4
LO to IF Isolation (dB)
30
30
30
30
IF1 to RF Isolation (dB)
40
40
40
40
IF2 to RF Isolation (dB)
40
40
40
40
LO to LNA IN Isolation (dB)
45
45
45
45
Total Current (mA)
25.0
20.5
20.0
15.5
NOTE: Assumes 3dB image filter insertion loss. The TX Buffer Enable is off. Div/2 function is off.
Numbers represent low current LNA bias setting IPSET=0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com