Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JMS583 Datasheet(PDF) 15 Page - JMicron Technology Corporation

Part # JMS583
Description  USB 3.1 Gen 2 to PCIe Gen3x2 Bridge
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMICRON [JMicron Technology Corporation]
Direct Link  http://www.jmicron.com/index.html
Logo JMICRON - JMicron Technology Corporation

JMS583 Datasheet(HTML) 15 Page - JMicron Technology Corporation

Back Button JMS583 Datasheet HTML 11Page - JMicron Technology Corporation JMS583 Datasheet HTML 12Page - JMicron Technology Corporation JMS583 Datasheet HTML 13Page - JMicron Technology Corporation JMS583 Datasheet HTML 14Page - JMicron Technology Corporation JMS583 Datasheet HTML 15Page - JMicron Technology Corporation JMS583 Datasheet HTML 16Page - JMicron Technology Corporation JMS583 Datasheet HTML 17Page - JMicron Technology Corporation JMS583 Datasheet HTML 18Page - JMicron Technology Corporation JMS583 Datasheet HTML 19Page - JMicron Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 30 page
background image
JMS583
Datasheet
Revision 1.0
8
Document No.: PDS-17001
The information contained in this document is the exclusive property of JMicron Technology Corporation and shall not be used,
collected, reproduced, distributed and/or disclosed in whole or in part without prior written permission of JMicron Technology
Corporation.
5.3 Pin description
5.3.1 PCIe interface
Table 2
Pin description
– PCIe interface
Signal Name
QFN 64
Type
Description
P_RXN1
34
AI
PCIe Port RX- Signal of Lane 1
P_RXP1
35
AI
PCIe Port RX+ Signal of Lane 1
P_TXN1
37
AO
PCIe Port TX- Signal of Lane 1
A 220 nF capacitor should be connected between this pin and PCIe
connector.
P_TXP1
38
AO
PCIe Port TX+ Signal of Lane 1
A 220 nF capacitor should be connected between this pin and PCIe
connector.
REXT
39
AI
External Reference Resistance
A 12 k
1% external resistor should be connected to this pin.
P_RXN0
41
AI
PCIe Port RX- Signal of Lane 0
P_RXP0
42
AI
PCIe Port RX+ Signal of Lane 0
P_TXN0
44
AO
PCIe Port TX- Signal of Lane 0
A 220 nF capacitor should be connected between this pin and PCIe
connector.
P_TXP0
45
AO
PCIe Port TX+ Signal of Lane 0
A 220 nF capacitor should be connected between this pin and PCIe
connector.
CLKP
48
DO
Differential Clock P
100Mhz reference clock for Device.
CLKN
47
DO
Differential Clock N
100Mhz reference clock for Device.
P_RSTN
54
DO
PCIE Reset for Device
P_CLKREQN
55
DIO
This is for L1 substate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com