Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JMS583 Datasheet(PDF) 21 Page - JMicron Technology Corporation

Part # JMS583
Description  USB 3.1 Gen 2 to PCIe Gen3x2 Bridge
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMICRON [JMicron Technology Corporation]
Direct Link  http://www.jmicron.com/index.html
Logo JMICRON - JMicron Technology Corporation

JMS583 Datasheet(HTML) 21 Page - JMicron Technology Corporation

Back Button JMS583 Datasheet HTML 17Page - JMicron Technology Corporation JMS583 Datasheet HTML 18Page - JMicron Technology Corporation JMS583 Datasheet HTML 19Page - JMicron Technology Corporation JMS583 Datasheet HTML 20Page - JMicron Technology Corporation JMS583 Datasheet HTML 21Page - JMicron Technology Corporation JMS583 Datasheet HTML 22Page - JMicron Technology Corporation JMS583 Datasheet HTML 23Page - JMicron Technology Corporation JMS583 Datasheet HTML 24Page - JMicron Technology Corporation JMS583 Datasheet HTML 25Page - JMicron Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
JMS583
Datasheet
Revision 1.0
14
Document No.: PDS-17001
The information contained in this document is the exclusive property of JMicron Technology Corporation and shall not be used,
collected, reproduced, distributed and/or disclosed in whole or in part without prior written permission of JMicron Technology
Corporation.
7 Electrical characteristics
7.1 Absolute maximum rating
Table 12
Absolute maximum rating
Parameter
Symbol
Condition
Min
Max
Unit
Digital 3.3V
VCCO(ABS)
-0.3
4.13
V
Digital 1.0V
VCCK(ABS)
-0.3
1.6
V
Switching regulator
AVDDS(ABS)
-0.3
5.5
V
3.3V crystal pad power
XAVDDH(ABS)
-0.3
4.13
V
Analog 1.0V
AVDDL(ABS)
-0.3
1.6
V
USB VBUS
VBUS
-
5.5
V
Digital I/O input voltage
VI(D)
-0.3
4.13
V
Storage temperature
TSTORAGE
-40
150
oC
7.2 Operating voltage and temperature
Table 13
Operating voltage and temperature
Parameter
Symbol
Condition
Min
Typical
Max
Unit
Digital 3.3V power supply
VCCO
3.0
3.3
3.6
V
Digital 1.0V power supply
VCCK
0.95
1.0
1.1
V
Switching regulator
AVDDS
4.5
5.0
5.5
V
3.3V crystal pad power
XAVDDH
3.0
3.3
3.6
V
Analog 1.0V power supply
AVDDL
0.95
1.0
1.1
V
USB VBUS
VBUS
4.5
5.0
5.5
V
Digital I/O input voltage
VI(D)
3.0
3.3
3.6
V
Ambient operation temperature
TA
0
70
oC
7.3 External clock source conditions
Table 14
External clock source conditions
Parameter
Symbol
Condition
Min
Typical
Max
Unit
External reference clock
25
MHz
Clock Duty Cycle
45
50
55
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com