Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL23EP08SC-5HT Datasheet(PDF) 11 Page - SpectraLinear Inc

Part # SL23EP08SC-5HT
Description  Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

SL23EP08SC-5HT Datasheet(HTML) 11 Page - SpectraLinear Inc

Back Button SL23EP08SC-5HT Datasheet HTML 7Page - SpectraLinear Inc SL23EP08SC-5HT Datasheet HTML 8Page - SpectraLinear Inc SL23EP08SC-5HT Datasheet HTML 9Page - SpectraLinear Inc SL23EP08SC-5HT Datasheet HTML 10Page - SpectraLinear Inc SL23EP08SC-5HT Datasheet HTML 11Page - SpectraLinear Inc SL23EP08SC-5HT Datasheet HTML 12Page - SpectraLinear Inc SL23EP08SC-5HT Datasheet HTML 13Page - SpectraLinear Inc SL23EP08SC-5HT Datasheet HTML 14Page - SpectraLinear Inc SL23EP08SC-5HT Datasheet HTML 15Page - SpectraLinear Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
Rev 1.4, May 28, 2007
Page 11 of 18
SL23EP08
Switching Electrical Characteristics (C-Grade)
Unless otherwise stated VDD= 2.5+/- 10%, CL=15pF and Ambient Temperature range 0 to +70°C
Description
Symbol
Condition
Min
Typ
Max
Unit
FOUT1
CL=15pf, -1H and -2H
10
-
170
MHz
FOUT2
CL=22pf, -1H and -2H
10
-
135
MHz
FOUT1
CL=30pf, -1H and -2H
10
-
100
MHz
FOUT4
CL=15pf, -1, -2 and -4
10
-
135
MHz
Output Frequency Range
FOUT5
CL=22pf, -1, -2 and -4
10
-
100
MHz
FOUT1
CL=30pf, -1, -2 and -4
10
-
75
MHz
Input Duty Cycle
DC1
Measured at VDD/2, all versions
30
50
70
%
Switching Electrical Characteristics (C-Grade-Cont.)
Unless otherwise stated VDD= 2.5V+/- 10%, CL=15pF and Ambient Temperature range 0 to +70°C
Output Duty Cycle
DC2
CL=15pF, Fout=66 MHz, all versions
Measured at VDD/2
45
50
55
%
Output Duty Cycle
DC3
CL=15pF, Fout=133 MHz, all versions
Measured at VDD/2
45
50
55
%
Output Duty Cycle
DC4
CL=15pF, Fout=166 MHz, all versions
Measured at VDD/2
40
50
60
%
Output Rise/Fall Time
tr/f1
CL=30pF, -1, -2 and -4 versions
Measured at 0.6 to 1.8V
-
-
2.0
ns
Output Rise/Fall Time
tr/f2
CL=15pF, -1, -2 and -4 versions
Measured at 0.6 to 1.8V
-
-
1.6
ns
Output Rise/Fall Time
tr/f3
CL=30pF, -1H and -2H and versions
Measured at 0.6 to 1.8V
-
-
1.4
ns
Output Rise/Fall Time
tr/f4
CL=15pF, -1H and -2H and versions
Measured at 0.6 to 1.8V
-
-
1.1
ns
Output-to-Output Skew
on Same Bank
SKW2
-1 and -2, measured from 0.8V to
2.0V, and outputs are equally loaded
-
80
200
ps
Output-to-Output Skew
on Same Bank
SKW2
-1H and -2H and -4, measured at
VDD/2 and outputs are equally loaded
-
70
200
ps
Output-to-Output Skew
Between Bank A and B
SKW3
-1, -1H, 2H and -4, measured at
VDD/2 and outputs are equally loaded
-
80
200
ps
Output-to-Output Skew
Between Bank A and B
SKW4
-2, measured at VDD/2 and outputs
are equally loaded
-
130
350
ps
Device-to-Device Skew
SKW5
All versions, measured at VDD/2 and
outputs are equally loaded
-
150
500
ps
Input-to-Output Delay
Dt
All versions, CLKIN to FBK rising
edge, measured at VDD/2 and outputs
are equally loaded and S2=S1=1
-250
-
250
ps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com