Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL23EP08SC-5HT Datasheet(PDF) 15 Page - SpectraLinear Inc

Part # SL23EP08SC-5HT
Description  Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

SL23EP08SC-5HT Datasheet(HTML) 15 Page - SpectraLinear Inc

Back Button SL23EP08SC-5HT Datasheet HTML 10Page - SpectraLinear Inc SL23EP08SC-5HT Datasheet HTML 11Page - SpectraLinear Inc SL23EP08SC-5HT Datasheet HTML 12Page - SpectraLinear Inc SL23EP08SC-5HT Datasheet HTML 13Page - SpectraLinear Inc SL23EP08SC-5HT Datasheet HTML 14Page - SpectraLinear Inc SL23EP08SC-5HT Datasheet HTML 15Page - SpectraLinear Inc SL23EP08SC-5HT Datasheet HTML 16Page - SpectraLinear Inc SL23EP08SC-5HT Datasheet HTML 17Page - SpectraLinear Inc SL23EP08SC-5HT Datasheet HTML 18Page - SpectraLinear Inc  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
Rev 1.4, May 28, 2007
Page 15 of 18
SL23EP08
External Components & Design Considerations
Typical Application Schematic
Comments and Recommendations
Decoupling Capacitor: A decoupling capacitor of 0.1 F must be used between VDD and VSS pins. Place the
capacitor on the component side of the PCB as close to the VDD pin as possible. The PCB trace to the VDD pin and
to the GND via should be kept as short as possible. Do not use vias between the decoupling capacitor and the VDD
pin.
Series Termination Resistor: A series termination resistor is recommended if the distance between the output
clocks and the load is over 1 ½ inch. The nominal impedance of the clock outputs is given on the page 5. Place the
series termination resistors as close to the clock outputs as possible.
Zero Delay and Skew Control: All outputs and CLKIN pins should be loaded with the same load to achieve “Zero
Delay” between the CLKIN and the outputs. The CLKOUT pin is connected to CLKIN internally on-chip for feedback
to PLL. For applications requiring zero input/output delay, the load at the all output pins including the CLKOUT pin
must be the same. If any delay adjustment is required, the capacitance at the CLKOUT pin could be increased or
decreased to increase or decrease the delay between Bank A and B clocks and CLKIN. For minimum pin-to-pin
skew, the external load at all the Bank A and B clocks must be the same.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com