Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL23EP08SC-5HT Datasheet(PDF) 1 Page - SpectraLinear Inc

Part # SL23EP08SC-5HT
Description  Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

SL23EP08SC-5HT Datasheet(HTML) 1 Page - SpectraLinear Inc

  SL23EP08SC-5HT Datasheet HTML 1Page - SpectraLinear Inc SL23EP08SC-5HT Datasheet HTML 2Page - SpectraLinear Inc SL23EP08SC-5HT Datasheet HTML 3Page - SpectraLinear Inc SL23EP08SC-5HT Datasheet HTML 4Page - SpectraLinear Inc SL23EP08SC-5HT Datasheet HTML 5Page - SpectraLinear Inc SL23EP08SC-5HT Datasheet HTML 6Page - SpectraLinear Inc SL23EP08SC-5HT Datasheet HTML 7Page - SpectraLinear Inc SL23EP08SC-5HT Datasheet HTML 8Page - SpectraLinear Inc SL23EP08SC-5HT Datasheet HTML 9Page - SpectraLinear Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Rev 1.4, May 28, 2007
Page 1 of 18
2200 Laurelwood Road, Santa Clara, CA 95054 Tel: (408) 855-0555 Fax: (408) 855-0550 www.SpectraLinear.com
SL23EP08
Key Features
10 to 220 MHz operating frequency range
Low output clock skew: 70ps-typ
Low output clock Jitter: 50 ps-typ
- 50 ps-typ at 166MHz, CL=15pF and VDD=3.3V
- 75 ps-typ at 166MHz, CL=15pF and VDD=2.5V
Low part-to-part output skew: 150 ps-typ
3.3V to 2.5V power supply range
Low power dissipation:
- 22 mA-typ at 66MHz and VDD=3.3V
- 20 mA-typ at 66MHz and VDD=2.5V
One input drives 8 outputs
Multiple configurations and drive options
Select mode to bypass PLL or tri-state outputs
SpreadThru™ PLL that allows use of SSCG
Available in 16-pin SOIC and TSSOP packages
Available in Commercial and Industrial grades
Applications
Printers, MFPs and Digital Copiers
PCs and Work Stations
Routers, Switchers and Servers
Datacom and Telecom
High-Speed Digital Embeded Systems
Description
The SL23EP08 is a low skew, low jitter and low power
Zero Delay Buffer (ZDB) designed to produce up to eight
(8) clock outputs from one (1) reference input clock, for
high speed clock distribution applications.
The product has an on-chip PLL and a feedback pin (FBK)
which can be used to obtain feedback from any one of the
output clocks. The SL23EP08 has two (2) clock driver
banks each with four (4) clock outputs. These outputs are
controlled by two (2) select input pins S1 and S2. When
only four (4) outputs are needed, bank-B output clock
buffers can be tri-stated to reduce power dissipation and
jitter. The select inputs can also be used to tri-state both
banks A and B or drive them directly from the input
bypassing the PLL and making the product behave like a
Non-Zero Delay Buffer (NZDB). The SL23EP08 offers
various X/2,1X, 2X and 4x frequency options at the output
clocks. Refer to the “Product Configuration Table” for the
details.
The SL23EP08-1H, -2H and 5H versions operates up to
220 MHz and SL23EP08-1, -2, -3 and -4 versions operate
up to 133 MHz with CL=15pF output load.
Benefits
Up to eight (8) distribution of input clock
Standard and High-Dirive levels to control
impedance level, frequency range and EMI
Low skew, jitter and power dissipation
Block Diagram
Low Power and
Low Jitter
PLL
MUX
Input Selection
Decoding Logic
VDD
GND
2
2
S2
S1
CLKIN
FBK
CLKA1
CLKA2
CLKA3
CLKA4
CLKB1
CLKB2
CLKB3
CLKB4
/2
/2
/2
(Divider for -3 and -4)
(Divider for -5H only)
(Divider for -2, -2H and -3)
Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer (ZDB)
P
Prreelliim
miin
na
arry
y


Similar Part No. - SL23EP08SC-5HT

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SL23EP08SC-5HT SILABS-SL23EP08SC-5HT Datasheet
227Kb / 15P
Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer
More results

Similar Description - SL23EP08SC-5HT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SL2309 ETC2-SL2309 Datasheet
248Kb / 12P
Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer (ZDB)
logo
SpectraLinear Inc
SL23EP04 SPECTRALINEAR-SL23EP04 Datasheet
163Kb / 14P
Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer(ZDB)
SL23EP05 SPECTRALINEAR-SL23EP05 Datasheet
150Kb / 11P
Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
SL23EP09 SPECTRALINEAR-SL23EP09 Datasheet
156Kb / 13P
Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
SL2305 SPECTRALINEAR-SL2305 Datasheet
167Kb / 11P
Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer (ZDB)
SL2309 SPECTRALINEAR-SL2309 Datasheet
142Kb / 12P
Low Jitter and Skew 10 to 140MHz Zero Delay Buffer (ZDB)
logo
Silicon Laboratories
SL23EP05 SILABS-SL23EP05 Datasheet
284Kb / 15P
LOW JITTER AND SKEW 10 TO 220 MHZ ZERO DELAY BUFFER
SL23EP08 SILABS-SL23EP08 Datasheet
227Kb / 15P
Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer
SL23EP09 SILABS-SL23EP09 Datasheet
201Kb / 14P
Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer
SL2305 SILABS-SL2305 Datasheet
156Kb / 11P
Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com