Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4955V33 Datasheet(PDF) 9 Page - STMicroelectronics

Part # L4955V33
Description  5A ULDO LINEAR REGULATORS FAMILY
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4955V33 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L4955V33 Datasheet HTML 5Page - STMicroelectronics L4955V33 Datasheet HTML 6Page - STMicroelectronics L4955V33 Datasheet HTML 7Page - STMicroelectronics L4955V33 Datasheet HTML 8Page - STMicroelectronics L4955V33 Datasheet HTML 9Page - STMicroelectronics L4955V33 Datasheet HTML 10Page - STMicroelectronics L4955V33 Datasheet HTML 11Page - STMicroelectronics L4955V33 Datasheet HTML 12Page - STMicroelectronics L4955V33 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
LOAD TRANSIENT RESPONSE
Figure 19.
Figure 20.
Figure 21.
C1,C2
470
µF/25V
Panasonic
HFQ
R4
910
R5
560
C4 to C9
100
µF/10V
AVX TPS
6 each
C10 to C15
1
µF
AVX X7R
6 each
VOUT = 3.3V
VIN = 5V
1
2
IN
CL
GND
43
INH
7
OUT
5
ADJ
L4955
PG
6
D97IN546
Figure 22: Load transient test circuit.
Test condition: VIN = 5V, VOUT = 3.3V; Load Transient from 0.5A to 5A;
dIout
dt
= 20A ⁄ µs;TJ =25°C
L4955
9/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com