Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4955V33 Datasheet(PDF) 11 Page - STMicroelectronics

Part # L4955V33
Description  5A ULDO LINEAR REGULATORS FAMILY
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4955V33 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L4955V33 Datasheet HTML 6Page - STMicroelectronics L4955V33 Datasheet HTML 7Page - STMicroelectronics L4955V33 Datasheet HTML 8Page - STMicroelectronics L4955V33 Datasheet HTML 9Page - STMicroelectronics L4955V33 Datasheet HTML 10Page - STMicroelectronics L4955V33 Datasheet HTML 11Page - STMicroelectronics L4955V33 Datasheet HTML 12Page - STMicroelectronics L4955V33 Datasheet HTML 13Page - STMicroelectronics L4955V33 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
L4955V5.1
0
2 .5
5
7 .5
10
12.5
15
17.5
0
1
2
3
4
5
6
7
8
(V in - Vou t) [V ]
O ut put C u rr e nt [A ]
C u rre nt L im itatio n
Vou t = 5.1V
T j = 125
°C
Pow er D iss ip a ti o n Lim it
Rd so n
lim it
DC O pe ratin g A re a
Tc = 2 5
°C
Pd m a x = 4 0W
Tc = 70
°C
Pdm a x = 2 2W
Figure 29: DC operating area.
-4 0
0
40
80
12 0
1 60
4.9
4.95
5
5.05
5.1
5.15
5.2
Tj [
°C]
Vout [V]
Vin = 8V
Iout = 1 0mA
Figure 30: Output Voltage Stability vs. Junction
Temperature.
-40
-20
0
20
40
60
80
100
1 20
140
160
0
0.2 5
0.5
0.7 5
1
1.2 5
1.5
1.7 5
2
2.2 5
2.5
2.7 5
3
Tj [
°C]
Iq [mA]
Vin = 8V
Iout = 10m A to 5A
Figure 31: Quiescent Current vs. Temperature.
01
23
4
5
-10
-8
-6
-4
-2
0
2
4
6
8
10
Io u t [A]
Vin = 8 V
Tj = 2 5
° C
( P uls e d tec n iq u e h as be en us ed )
Figure 32: Load Regulation
-40
-20
0
20
40
60
80
100 120 140 160
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
Tj [
°C]
6.5V < Vin < 15V
Iout = 10mA
Figure 33: Line regulation vs. Junction Tempera-
ture.
*P ulsed tecnique ha s been used
-4 0 -20
0
2 0
4 0
6 0
8 0
100 120 140 160
0
1
2
3
4
5
6
7
8
9
10
Tj [
°C]
O utp ut C urre n t [A]
(Vin-Vout) > 2 V
pin 2 = G ND
Figure 34: Maximum OutputCurrent vs. Junction
Temperaturewith internalcurrent limiting
L4955
11/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com