Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4955V33 Datasheet(PDF) 13 Page - STMicroelectronics

Part # L4955V33
Description  5A ULDO LINEAR REGULATORS FAMILY
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4955V33 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L4955V33 Datasheet HTML 6Page - STMicroelectronics L4955V33 Datasheet HTML 7Page - STMicroelectronics L4955V33 Datasheet HTML 8Page - STMicroelectronics L4955V33 Datasheet HTML 9Page - STMicroelectronics L4955V33 Datasheet HTML 10Page - STMicroelectronics L4955V33 Datasheet HTML 11Page - STMicroelectronics L4955V33 Datasheet HTML 12Page - STMicroelectronics L4955V33 Datasheet HTML 13Page - STMicroelectronics L4955V33 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Versawatt (TO220)
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
4.40
4.60
0.173
0.181
C
1.23
1.32
0.048
0.051
D
2.40
2.72
0.094
0.107
E
0.49
0.70
0.019
0.027
F
0.61
0.88
0.024
0.034
F1
1.14
1.70
0.044
0.067
F2
1.14
1.70
0.044
0.067
G
4.95
5.15
0.194
0.203
G1
2.40
2.70
0.094
0.106
H2
10.0
10.4
0.393
0.409
L2
16.4
0.645
L4
13.0
14.0
0.511
0.551
L5
2.65
2.95
0.104
0.116
L6
15.25
15.75
0.600
0.620
L7
6.20
6.60
0.244
0.260
L9
3.50
3.93
0.137
0.154
M
2.6
0.102
Dia
3.75
3.85
0.147
0.151
TO220MEC
OUTLINE AND
MECHANICAL DATA
L4955
13/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com