Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7735SV Datasheet(PDF) 25 Page - Sitronix Technology Co., Ltd.

Part # ST7735SV
Description  132RGB x 162dot 262K Color with Frame Memory Single-Chip TFT Controller/Driver
PDF  201 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7735SV Datasheet(HTML) 25 Page - Sitronix Technology Co., Ltd.

Back Button ST7735SV Datasheet HTML 21Page - Sitronix Technology Co., Ltd. ST7735SV Datasheet HTML 22Page - Sitronix Technology Co., Ltd. ST7735SV Datasheet HTML 23Page - Sitronix Technology Co., Ltd. ST7735SV Datasheet HTML 24Page - Sitronix Technology Co., Ltd. ST7735SV Datasheet HTML 25Page - Sitronix Technology Co., Ltd. ST7735SV Datasheet HTML 26Page - Sitronix Technology Co., Ltd. ST7735SV Datasheet HTML 27Page - Sitronix Technology Co., Ltd. ST7735SV Datasheet HTML 28Page - Sitronix Technology Co., Ltd. ST7735SV Datasheet HTML 29Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 201 page
background image
ST7735SV
V 1.3
Page 25 of 201
2020-01
6.3 Mode Selection Pin
Name
I/O
Description
Connect Pin
EXTC
I
- During normal operation, please connect to VDDI..
EXTC
Enable/disable Modification of Extend Command
0
Panel Function Commands Disable.
1
Panel Function Commands Enable.
VDDI/DGND
GM1,
GM0
I
-Panel Resolution Selection Pins.
GM1
GM0
Selection of panel resolution
0
0
132RGB x 162 (S1~S396 & G1~G162 output)
0
1
132RGB x 132 (S1~S396 & G1~G132 Output)
1
1
128RGB x 160 (S7~S390 & G2~G161 output)
VDDI/DGND
SRGB
I
-RGB Direction Select H/W Pin for Color Filter Setting.
SRGB
RGB Arrangement
0
S1, S2, S3 Filter Order = ’R’, ’G’, ’B’
1
S1, S2, S3 Filter Order = ‘B’, ‘G’, ‘R’
VDDI/DGND
SMX
I
-Module Source Output Direction H/W Selection Pin.
SMX
Scanning direction of source output
GM= ‘00’
GM= ‘01’
GM= ‘11’
0
S1 -> S396
S1 -> S396
S7 -> S390
1
S396 -> S1
S396 -> S1
S390 -> S7
VDDI/DGND
SMY
I
-Module Gate Output Direction H/W Selection Pin.
SMY
Scanning direction of gate output
GM= ‘00’
GM= ‘01’
GM= ‘11’
0
G1 -> G162
G1 -> G132
G2 -> G161
1
G162 -> G1
G132 -> G1
G161 -> G2
VDDI/DGND
LCM
I
-Liquid Crystal (LC) Type Selection Pins.
LCM
Selection of LC Type
0
Normally White LC Type
1
Normally Black LC Type
VDDI/DGND
GS
I
-Gamma Curve Selection Pin.
GS
Selection of Gamma Curve
0
GC0=1.0, GC1=2.5, GC2=2.2, GC3=1.8
1
GC0=2.2, GC1=1.8, GC2=2.5, GC3=1.0
VDDI/DGND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com