Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7735SV Datasheet(PDF) 39 Page - Sitronix Technology Co., Ltd.

Part # ST7735SV
Description  132RGB x 162dot 262K Color with Frame Memory Single-Chip TFT Controller/Driver
PDF  201 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7735SV Datasheet(HTML) 39 Page - Sitronix Technology Co., Ltd.

Back Button ST7735SV Datasheet HTML 35Page - Sitronix Technology Co., Ltd. ST7735SV Datasheet HTML 36Page - Sitronix Technology Co., Ltd. ST7735SV Datasheet HTML 37Page - Sitronix Technology Co., Ltd. ST7735SV Datasheet HTML 38Page - Sitronix Technology Co., Ltd. ST7735SV Datasheet HTML 39Page - Sitronix Technology Co., Ltd. ST7735SV Datasheet HTML 40Page - Sitronix Technology Co., Ltd. ST7735SV Datasheet HTML 41Page - Sitronix Technology Co., Ltd. ST7735SV Datasheet HTML 42Page - Sitronix Technology Co., Ltd. ST7735SV Datasheet HTML 43Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 201 page
background image
ST7735SV
V 1.3
Page 39 of 201
2020-01
9.2.1 Write Cycle Sequence
The write cycle means that the host writes information (command or/and data) to the display via the interface.
Each write cycle (WRX high-low-high sequence) consists of 3 control signals (D/CX, RDX, WRX) and data
signals (D[17:0]). D/CX bit is a control signal, which tells if the data is a command or a data. The data signals
are the command if the control signal is low (=’0’) and vice versa it is data (=’1’).
WRX
D[17:0]
The host starts to control D[17:0]
lines when there is a falling edge
of the WRX.
The display writes D[17:0] lines
when there is a rising edge of
WRX.
The host stops to
control D[17:0] lines.
Figure 8 8080-series WRX Protocol
Note: WRX is an unsynchronized signal (It can be stopped).
CMD
CMD
PA1
CMD
PA1
PAN-2
PAN-1
S
P
CMD
CMD
PA1
CMD
PA1
PAN-2
PAN-1
S
P
CMD
CMD
PA1
CMD
PA1
PAN-2
PAN-1
S
P
D[17:0]
RESX
CSX
D/CX
RDX
WRX
D[17:0]
Host D[17:0]
Host to LCD
Driver D[17:0]
LCD to Host
“
1”
“
1”
Hi-Z
1-byte
command
2-byte
command
N-byte
command
CMD: write command code
PA: parameter or display data
Signals on D[17:0], D/CX, R/WX, E
pins during CSX=1 are ignored.
Figure 9 8080-series Parallel Bus Protocol, Write to Register or Display RAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com