Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7735SV Datasheet(PDF) 44 Page - Sitronix Technology Co., Ltd.

Part # ST7735SV
Description  132RGB x 162dot 262K Color with Frame Memory Single-Chip TFT Controller/Driver
PDF  201 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7735SV Datasheet(HTML) 44 Page - Sitronix Technology Co., Ltd.

Back Button ST7735SV Datasheet HTML 40Page - Sitronix Technology Co., Ltd. ST7735SV Datasheet HTML 41Page - Sitronix Technology Co., Ltd. ST7735SV Datasheet HTML 42Page - Sitronix Technology Co., Ltd. ST7735SV Datasheet HTML 43Page - Sitronix Technology Co., Ltd. ST7735SV Datasheet HTML 44Page - Sitronix Technology Co., Ltd. ST7735SV Datasheet HTML 45Page - Sitronix Technology Co., Ltd. ST7735SV Datasheet HTML 46Page - Sitronix Technology Co., Ltd. ST7735SV Datasheet HTML 47Page - Sitronix Technology Co., Ltd. ST7735SV Datasheet HTML 48Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 201 page
background image
ST7735SV
V 1.3
Page 44 of 201
2020-01
9.4 Serial Interface
The selection of this interface is done by IM2. See the Table 12.
IM2
4WSPI
Interface
Read Back Selection
0
0
3-line Serial Interface
Via the Read Instruction (8-bit, 24-bit and 32-bit Read Parameter)
0
1
4-line Serial Interface
Via the Read Instruction (8-bit, 24-bit and 32-bit Read Parameter)
Table 12 Selection of Serial Interface
The serial interface is either 3-lines/9-bits or 4-lines/8-bts bi-directional interface for communication between
the micro controller and the LCD driver. The 3-lines serial interface use: CSX (chip enable), SCL (serial clock)
and SDA (serial data input/output), and the 4-lines serial interface use: CSX (chip enable), D/CX (data/
command flag), SCL (serial clock) and SDA (serial data input/output). Serial clock (SCL) is used for interface
with MCU only, so it can be stopped when no communication is necessary.
9.4.1 Command Write Mode
The write mode of the interface means the micro controller writes commands and data to the LCD driver.
3-lines serial data packet contains a control bit D/CX and a transmission byte. In 4-lines serial interface, data
packet contains just transmission byte and control bit D/CX is transferred by the D/CX pin. If D/CX is “low”,
the transmission byte is interpreted as a command byte. If D/CX is “high”, the transmission byte is stored in
the display data RAM (memory write command), or command register as parameter.
Any instruction can be sent in any order to the driver. The MSB is transmitted first. The serial interface is
initialized when CSX is high. In this state, SCL clock pulse or SDA data have no effect. A falling edge on CSX
enables the serial interface and indicates the start of data transmission.
Figure 16 Serial Interface Data Stream Format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com