Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2364 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF2364
Description  3V PCS LOW NOISE AMPLIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2364 Datasheet(HTML) 1 Page - RF Micro Devices

  RF2364 Datasheet HTML 1Page - RF Micro Devices RF2364 Datasheet HTML 2Page - RF Micro Devices RF2364 Datasheet HTML 3Page - RF Micro Devices RF2364 Datasheet HTML 4Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
3-53
3
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Ordering Information
4
GND2
RF OUT
5
3
VPD
2
GND1
1
RF IN
RF2364
3V PCS LOW NOISE AMPLIFIER
The RF2364 is a low noise amplifier with a high dynamic range designed for CDMA
and TDMA PCS, as well as W-CDMA/CDMA2000 applications. The device functions
as an outstanding front end low noise amplifier and the bias current can be set
externally. The IC includes a power down feature used to completely turn-off the
device and is featured in a standard SOT 5-lead plastic package.
Features
Low Noise and High Intercept
Point
18dB Gain
Power Down Control
Single 3.0V Power Supply
PCS and W-CDMA Band Opera-
tion
1.8GHz to 2.5GHz Operation
Applications
CDMA PCS LNA
TDMA PCS LNA
W-CDMA/CDMA2000 LNA
General Purpose Amplification
Commercial and Consumer Sys-
tems
RF2364
3V PCS Low Noise Amplifier
RF2364 PCBA
Fully Assembled Evaluation Board
Rev A5 DS020827
RF23643V
PCS Low Noise
Amplifier
Package Style: SOT 5-Lead


Similar Part No. - RF2364

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2364 RFMD-RF2364 Datasheet
108Kb / 10P
3V PCS LOW NOISE AMPLIFIER
RF2364 RFMD-RF2364 Datasheet
131Kb / 10P
3V PCS LOW NOISE AMPLIFIER
RF2364PCBA RFMD-RF2364PCBA Datasheet
108Kb / 10P
3V PCS LOW NOISE AMPLIFIER
RF2364PCBA RFMD-RF2364PCBA Datasheet
131Kb / 10P
3V PCS LOW NOISE AMPLIFIER
RF2364 RFMD-RF2364_06 Datasheet
131Kb / 10P
3V PCS LOW NOISE AMPLIFIER
More results

Similar Description - RF2364

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2364 RFMD-RF2364 Datasheet
108Kb / 10P
3V PCS LOW NOISE AMPLIFIER
RF2365 RFMD-RF2365 Datasheet
135Kb / 8P
3V LOW NOISE AMPLIFIER
RF2371 RFMD-RF2371 Datasheet
63Kb / 8P
3V LOW NOISE AMPLIFIER
RF2451 RFMD-RF2451 Datasheet
81Kb / 6P
3V LOW NOISE AMPLIFIER
RF2373 RFMD-RF2373 Datasheet
132Kb / 8P
3V LOW NOISE AMPLIFIER/ 3V DRIVER AMPLIFIER
RF2370 RFMD-RF2370 Datasheet
215Kb / 6P
3V LOW NOISE AMPLIFIER
RF2364 RFMD-RF2364_06 Datasheet
131Kb / 10P
3V PCS LOW NOISE AMPLIFIER
RF2373 RFMD-RF2373_06 Datasheet
87Kb / 8P
3V LOW NOISE AMPLIFIER/ 3V DRIVER AMPLIFIER
RF2373 RFMD-RF2373_1 Datasheet
220Kb / 12P
3V LOW NOISE AMPLIFIER/ 3V DRIVER AMPLIFIER
RF2374 RFMD-RF2374_14 Datasheet
823Kb / 15P
3V LOW NOISE AMPLIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com