Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2174CGG Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP2174CGG
Description  4A, 5.5V, 1.1MHz Synchronous Step-Down Switcher Evaluation Board
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2174CGG Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP2174CGG Datasheet HTML 1Page - Monolithic Power Systems MP2174CGG Datasheet HTML 2Page - Monolithic Power Systems MP2174CGG Datasheet HTML 3Page - Monolithic Power Systems MP2174CGG Datasheet HTML 4Page - Monolithic Power Systems MP2174CGG Datasheet HTML 5Page - Monolithic Power Systems MP2174CGG Datasheet HTML 6Page - Monolithic Power Systems MP2174CGG Datasheet HTML 7Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
EV2174C-G-00A – 4A, 5.5V, 1.1MHZ, SYNC STEP-DOWN SWITCHER
EV2174CGG-00A Rev.1.0
www.MonolithicPower.com
2
2/25/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
EVALUATION BOARD SCHEMATIC
EV2174C-G-00A BILL OF MATERIALS
Qty
RefDes
Value Description
Package
Manufacturer Manufacturer P/N
C1A,C2A,
C3,C4
NS
1
C1
22μF
Ceramic Cap., 10V, 20%, X5R
0805
Taiyo Yuden LMK212BJ226MG-T
1
C2
10μF
Ceramic Cap., 6.3V, 10%,
X5R
0805
muRata
GRM21BR70J106KE76L
1
L1
1.0μH Inductor, IS= 9A, DCR=27mΩ
SMD
Wurth
74437324010
R1
NS
1
R2
100k
Film Res., 5%
0603
Yageo
RC0603JR-07100KL
R3
NS
2
R4,R5
200k
Film Res., 5%
0603
Yageo
RC0603JR-07200KL
1
U1
MP2174C
Synchronous
Step-Down
switcher
QFN12-
2x2mm
MPS
MP2174CGG



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com