Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2174CGG Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP2174CGG
Description  4A, 5.5V, 1.1MHz Synchronous Step-Down Switcher Evaluation Board
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2174CGG Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP2174CGG Datasheet HTML 1Page - Monolithic Power Systems MP2174CGG Datasheet HTML 2Page - Monolithic Power Systems MP2174CGG Datasheet HTML 3Page - Monolithic Power Systems MP2174CGG Datasheet HTML 4Page - Monolithic Power Systems MP2174CGG Datasheet HTML 5Page - Monolithic Power Systems MP2174CGG Datasheet HTML 6Page - Monolithic Power Systems MP2174CGG Datasheet HTML 7Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
EV2174C-G-00A – 4A, 5.5V, 1.1MHZ, SYNC STEP-DOWN SWITCHER
EV2174CGG-00A Rev.1.0
www.MonolithicPower.com
4
2/25/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VIN = 5V, VOUT = 1.2V, L =1µH, TA = +25ºC, unless otherwise noted.
VIN Shutdown
IOUT=0A
VIN Shutdown
IOUT=4A
CH1: VOUT
1V/div.
CH2: VIN
5V/div.
CH3: VSW
5V/div.
CH4: IL
1A/div.
CH1: VOUT
1V/div.
CH2: VIN
5V/div.
CH3: VSW
5V/div.
CH4: IL
5A/div.
40ms/div.
20ms/div.
EN Start-Up
IOUT=0A
EN Start-Up
IOUT=4A
CH1: VOUT
1V/div.
CH2: VEN
5V/div.
CH3: VSW
5V/div.
CH4: IL
1A/div.
CH1: VOUT
1V/div.
CH2: VEN
5V/div.
CH3: VSW
5V/div.
CH4: IL
5A/div.
1ms/div.
1ms/div.
EN Shutdown
IOUT=0A
EN Shutdown
IOUT=4A
CH1: VOUT
1V/div.
CH2: VEN
5V/div.
CH3: VSW
5V/div.
CH4: IL
1A/div.
CH1: VOUT
1V/div.
CH2: VEN
5V/div.
CH3: VSW
5V/div.
CH4: IL
5A/div.
100μs/div.
100μs/div.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com