Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2174CGG Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP2174CGG
Description  4A, 5.5V, 1.1MHz Synchronous Step-Down Switcher Evaluation Board
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2174CGG Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP2174CGG Datasheet HTML 1Page - Monolithic Power Systems MP2174CGG Datasheet HTML 2Page - Monolithic Power Systems MP2174CGG Datasheet HTML 3Page - Monolithic Power Systems MP2174CGG Datasheet HTML 4Page - Monolithic Power Systems MP2174CGG Datasheet HTML 5Page - Monolithic Power Systems MP2174CGG Datasheet HTML 6Page - Monolithic Power Systems MP2174CGG Datasheet HTML 7Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
EV2174C-G-00A
4A, 5.5V, 1.1MHz Synchronous
Step-Down Switcher Evaluation Board
EV2174CGG-00A Rev.1.0
www.MonolithicPower.com
1
2/25/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
DESCRIPTION
The EV2174C-G-00A is used for demonstrating
the performance of MPS’s MP2174C, a low
voltage high switching frequency step-down
switcher with built in power
MOSFETs.
MP2174C provides up to 4A highly efficient
output with constant-on-time control for fast
loop response.The output voltage can be
regulated as low as 0.6V.
High power efficiency over a wide load range is
achieved by scaling down the switching
frequency at light load to reduce the switching
related loss by constant on time control. Short
circuit and thermal shutdown provides reliable,
fault-tolerant operation.
MP2174C is available in QFN12 (2x2mm)
package.
ELECTRICAL SPECIFICATION
Parameter
Symbol
Value
Units
Input Voltage
VIN
2.7– 5.5
V
Output Voltage
VOUT
1.2
V
Output Current
IOUT
4
A
FEATURES
 Forced PWM Mode Operation
 Wide 2.7V to 5.5V Operating Input Range
 Output Voltage as Low as 0.6V
 4A Output Current
 35mΩ and 18mΩ Internal Power MOSFET
 1.1MHz Frequency
 100% Duty cycle in Dropout
 0.5ms Internal Soft-Start Time
 EN and Power Good for Power Sequencing
Auto Discharge at Power-off
 Short Circuit Protection with Hiccup Mode
 Available in a QFN12 (2x2mm) Package
APPLICATIONS
Storage Drives
Portable/Handheld Devices
PDAs
DVD Drives
Wireless/Networking Cards
 Low Voltage I/O System Power
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Quality Assurance. “MPS” and “The
Future of Analog IC Technology” are Registered Trademarks of Monolithic
Power Systems, Inc.
EV2174C-G-00A EVALUATION BOARD
I
Board Number
MPS IC Number
EV2174C-G-00A
MP2174CGG
Efficiency vs. Output Current
VIN=5V, DCR=27mΩ
0
10
20
30
40
50
60
70
80
90
100
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
OUTPUT CURRENT (A)
Vout=1.2V
Vout=1.8V
Vout=2.5V
Vout=3.3V


Similar Part No. - MP2174CGG

ManufacturerPart #DatasheetDescription
logo
MPS Industries, Inc.
MP2174CGG MPSIND-MP2174CGG Datasheet
990Kb / 16P
2.7V-5.5V,4A, High-Efficiency,Synchronous Step-Down Converter with Forced CCM in 2×2mm QFN
Rev. 1.0 8/7/2019
More results

Similar Description - MP2174CGG

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2143H MPS-MP2143H Datasheet
527Kb / 15P
3A, 5.5V, 2.0MHz Synchronous Step Down Switcher
MPQ2143H MPS-MPQ2143H Datasheet
897Kb / 15P
3A, 5.5V, 2.0MHz Synchronous Step Down Switcher
EV2131-G-00A MPS-EV2131-G-00A Datasheet
490Kb / 6P
4A, 5.5V, 1.2MHz Synchronous Step-Down Switcher Evaluation Board
EV2143H-D-00A MPS-EV2143H-D-00A Datasheet
483Kb / 7P
3A, 5.5V, 2MHz Synchronous Step-Down Switcher Evaluation Board
EV2147-D-00A MPS-EV2147-D-00A Datasheet
496Kb / 8P
5.5V, 4A, 1.2MHz, High-Efficiency, 40uA IQ Constant On-Time Synchronous, Step-Down Switcher Evaluation Board
EVM3805-QB-00A MPS-EVM3805-QB-00A Datasheet
148Kb / 4P
6V, 0.6A Synchronous Step-Down Switcher Evaluation Board
EVM3805-QB-01A MPS-EVM3805-QB-01A Datasheet
394Kb / 5P
6V, 0.6A Synchronous Step-Down Switcher Evaluation Board
EVM3810-QB-00A MPS-EVM3810-QB-00A Datasheet
154Kb / 4P
6V, 1.2A Peak Synchronous Step-Down Switcher Evaluation Board
EVM3810-QB-01A MPS-EVM3810-QB-01A Datasheet
176Kb / 5P
6V, 1.2A Peak Synchronous Step-Down Switcher Evaluation Board
MP2172 MPS-MP2172 Datasheet
589Kb / 17P
5.5V, 2A, 2.6MHz,Synchronous, Step-Down Switcher
Rev. 1.0 4/24/2019
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com