Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP5611 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP5611
Description  2.9V to 5.2V Input, Triple-Output, 2.9V to 5.2V Input, Triple-Output,
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5611 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP5611 Datasheet HTML 8Page - Monolithic Power Systems MP5611 Datasheet HTML 9Page - Monolithic Power Systems MP5611 Datasheet HTML 10Page - Monolithic Power Systems MP5611 Datasheet HTML 11Page - Monolithic Power Systems MP5611 Datasheet HTML 12Page - Monolithic Power Systems MP5611 Datasheet HTML 13Page - Monolithic Power Systems MP5611 Datasheet HTML 14Page - Monolithic Power Systems MP5611 Datasheet HTML 15Page - Monolithic Power Systems MP5611 Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
MP5611
– 2.9V TO 5.2V INPUT, TRIPLE-OUTPUT, AMOLED POWER SUPPLY
MP5611 Rev. 1.0
MonolithicPower.com
12
12/16/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
OPERATION
The
MP5611
is
a
triple-output
converter
designed for small-size AMOLED (active matrix
organic
light-emitting diode)
display power
supplies. It integrates a boost converter for
ELVDD, an inverting buck-boost (IBB) converter
for ELVSS, and another boost converter for
AVDD. The one wire digital control pin (CTRL)
can program the ELVSS, ELVDD, and AVDD
voltages following digital protocol.
Feedback (FB) Connection for ELVDD
If the FB pin is floating or tied to GND, or (VELVDD
- VFB) > 350mV, then the ELVDD boost
converter
’s output voltage (VOUT) is sensed via
the ELVDD pin directly. To improve the ELVDD
VOUT sense performance, externally connect FB
to the main
ELVDD output capacitor’s positive
terminal. In this case, when (VELVDD - VFB) <
250mV, VOUT is sensed via FB pin with better
sense accuracy.
Fast Discharge Function
Pull the FD pin high to enable the active fast
discharge function when the MP5611 shuts
down. By connecting FD to GND, all outputs are
high-impedance when the IC shuts down. When
FD is pulled high, the fast discharge function can
also be disabled by applying 81 pulses to the
CTRL pin.
Figure 3 shows the start-up/shutdown sequence,
where the solid line is with active discharge
enabled and the dotted line is without active
discharge enabled.
VIN
EN_AVDD
AVDD
CTRL
ELVDD
ELVSS
~1.5ms
5.8V
~0.5ms
4.6V
-4V
~0.5ms
10ms
10ms
UVLO
UVLO
Figure 3: Start-Up/Shutdown Sequence with and without Active Discharge Enable
Configuring the ELVSS Transition Time
When ELVSS is controlled by the CTRL pulse,
the voltage transition time can be configured by
the capacitor on the CT pin (CEXTERNAL), which
can be estimated using Equation (1):
t (µs) = 3 x RINTERNAL (kΩ) x CEXTERNAL (nF) (1)
Where RINTERNAL = 300kΩ. CEXTERNAL e.g. 100nF
is about 90ms of the transition time.
Digital Interface (CTRL)
The CTRL pin has two functions:
1. CTRL is the digital interface that configures
the output of ELVSS, ELVDD, and AVDD, as
well as the output over-current (OC) limit.
The number of pulse signal
’s rising edges
applied on the CTRL pin is counted for
configuring the corresponding item to a
certain value (see Table 1 on page 13).
2. CTRL is also ELVDD and ELVSS
’s enable
signal. Once CTRL pulls high, ELVDD starts
up to the default value. After 10ms, ELVSS
establishes to its default value (see the
Timing Diagram section on page 6).
The reset information for ELVSS, ELVDD, and
AVDD follows:
• A power cycle resets all settings to default.
• CTRL is low, and lasts for a set time to reset
ELVDD and ELVSS to the default value.
• EN_AVDD can enable/disable AVDD.
• EN_AVDD and CTRL are both pulled low to
reset AVDD and all registers to the default
value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com