Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP5611 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP5611
Description  2.9V to 5.2V Input, Triple-Output, 2.9V to 5.2V Input, Triple-Output,
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5611 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP5611 Datasheet HTML 9Page - Monolithic Power Systems MP5611 Datasheet HTML 10Page - Monolithic Power Systems MP5611 Datasheet HTML 11Page - Monolithic Power Systems MP5611 Datasheet HTML 12Page - Monolithic Power Systems MP5611 Datasheet HTML 13Page - Monolithic Power Systems MP5611 Datasheet HTML 14Page - Monolithic Power Systems MP5611 Datasheet HTML 15Page - Monolithic Power Systems MP5611 Datasheet HTML 16Page - Monolithic Power Systems MP5611 Datasheet HTML 17Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
MP5611
– 2.9V TO 5.2V INPUT, TRIPLE-OUTPUT, AMOLED POWER SUPPLY
MP5611 Rev. 1.0
MonolithicPower.com
13
12/16/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
Table 1: CTRL Configuration Table
Pulse #
ELVSS
Pulse #
AVDD
Pulse #
OCP (ELVDD)
1
-6.4V
52
+5V
95
460mA
2
-6.3V
53
+5.1V
96
555mA
3
-6.2V
54
+5.2V
97
650mA
4
-6.1V
55
+5.3V
Pulse #
OCP (AVDD)
5
-6V
56
+5.4V
0
210mA
6
-5.9V
57
+5.5V
98
90mA
7
-5.8V
58
+5.6V
99
120mA
8
-5.7V
59
+5.7V
100
150mA
9
-5.6V
60
+5.8V
101
180mA
10
-5.5V
61
+5.9V
102
210mA
11
-5.4V
62
+6V
103
240mA
12
-5.3V
63
+6.1V
104
270mA
13
-5.2V
64
+6.2V
14
-5.1V
65
+6.3V
15
-5V
66
+6.4V
16
-4.9V
67
+6.5V
17
-4.8V
68
+6.6V
18
-4.7V
69
+6.7V
19
-4.6V
70
+6.8V
20
-4.5V
71
+6.9V
21
-4.4V
72
+7V
22
-4.3V
73
+7.1V
23
-4.2V
74
+7.2V
24
-4.1V
75
+7.3V
25
-4V
76
+7.4V
26
-3.9V
77
+7.5V
27
-3.8V
78
+7.6V
28
-3.7V
79
+7.7V
29
-3.6V
Pulse #
VOUT Fast
Discharge
30
-3.5V
0
Controlled by FD
31
-3.4V
80
On
32
-3.3V
81
Off
33
-3.2V
Pulse #
250mV Detection
34
-3.1V
0
Off
35
-3V
82
On
36
-2.9V
83
Off
37
-2.8V
Pulse #
ELVDD
38
-2.7V
0
4.6V
39
-2.6V
84
4.6V
40
-2.5V
85
4.7V
41
-2.4V
86
4.8V
42
-2.3V
87
4.9V
43
-2.2V
88
5V
44
-2.1V
89
5.1V
45
-2V
90
5.2V
46
-1.9V
Pulse #
OCP (ELVDD)
47
-1.8V
0
650mA
48
-1.7V
91
80mA
49
-1.6V
92
175mA
50
-1.5V
93
270mA
51
-1.4V
94
365mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com