Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4964 Datasheet(PDF) 10 Page - STMicroelectronics

Part # L4964
Description  HIGH CURRENT SWITCHING REGULATOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4964 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L4964 Datasheet HTML 5Page - STMicroelectronics L4964 Datasheet HTML 6Page - STMicroelectronics L4964 Datasheet HTML 7Page - STMicroelectronics L4964 Datasheet HTML 8Page - STMicroelectronics L4964 Datasheet HTML 9Page - STMicroelectronics L4964 Datasheet HTML 10Page - STMicroelectronics L4964 Datasheet HTML 11Page - STMicroelectronics L4964 Datasheet HTML 12Page - STMicroelectronics L4964 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
APPLICATION INFORMATION
CHOOSING THE INDUCTOR AND CAPACITOR
The input and output capacitors of the L4964 must
have a low ESR and low inductance at high current
ripple.
Preferably, the inductor should be a toroidal type or
wound on a Moly-Permalloy nucleus.Saturation
must not occur at current levels below 1.5 times the
current limiter level. MPP nuclei have very soft satu-
ration characteristics.
L=
(Vi − Vo) V0
Vi f
∆IL
,C =
(Vi − Vo) V0
8L f
2
∆Vo
∆IL = Inductancecurrent ripple
∆Vo = Output ripple voltage
Figure 13 : Typical Application Circuit.
SUGGESTED INDUCTOR (L1)
Core Type
No
Turns
Wire
Gauge
(mmm)
Air
Gap
(mm)
Magnetics 58930 – A2MPP
43
1.0
–
Thomson GUP 20 x 16 x 7
50
0.8
0.7
Siemens EC 35/17/10
(B6633& – G0500 – X127)
40
2 x 0.8
–
VOGT 250
µH Toroidal Coil, Part Number
5730501800
Resistor Values for Standard Output Volt-
ages
V0
R8
R7
12 V
15 V
18 V
4.7 k
Ω
4.7 k
Ω
4.7 k
Ω
6.2 k
Ω
9.1 k
Ω
12 k
Ω
L 4964
C7, C8 : EKR (ROE)
Figure 14 : P.C. Board and Component Layout of the Circuit of Fig. 13 (1:1 scale)
L4964
10/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com