Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4964 Datasheet(PDF) 3 Page - STMicroelectronics

Part # L4964
Description  HIGH CURRENT SWITCHING REGULATOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4964 Datasheet(HTML) 3 Page - STMicroelectronics

  L4964 Datasheet HTML 1Page - STMicroelectronics L4964 Datasheet HTML 2Page - STMicroelectronics L4964 Datasheet HTML 3Page - STMicroelectronics L4964 Datasheet HTML 4Page - STMicroelectronics L4964 Datasheet HTML 5Page - STMicroelectronics L4964 Datasheet HTML 6Page - STMicroelectronics L4964 Datasheet HTML 7Page - STMicroelectronics L4964 Datasheet HTML 8Page - STMicroelectronics L4964 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
CIRCUIT OPERATION (refer to the block diagram)
The L4964 is a monolithic stepdown switching regu-
lator providing output voltages from 5.1 V to 28 V
and delivering 4A.
The regulation loop consists of asawtooth oscillator,
error amplifier, comparator and the output stage. An
error signal is produced by comparing the output
voltage with a precise 5.1 V on-chip reference
(zener zap trimmed to
± 3 %). This error signal is
then compared with the sawtooth signal to generate
the fixed frequency pulse width modulated pulses
which drive the output stage. The gain and fre-
quency stability of the loop can be ajusted by an ex-
ternal RC network connected to pin 9. Closing the
loop directly gives an output voltage of 5.1 V. Higher
voltages are obtained by inserting a voltage divider.
Output overcurrents at switch on are prevented by
the soft start function. The error amplifier output is
initially clamped by the external capacitor Css and al-
lowed to rise, linearly, as this capacitor is charged
by a constant current source.
Output overload protection is provided in the form of
a current limiter. The load current is sensed by an
internal metal resistor connected to a comparator.
When the load current exceeds a preset threshold
this comparator sets a flip flop which disables the
output stage and discharges the soft start capacitor.
A second comparator resets the flip flop when the
voltage across the soft start capacitor has fallen to
0.4 V. The output stage is thus re-enable and the
outputvoltage rises undercontro of the soft startnet-
work. If the overload condition is still present the
limiter will trigger again when the thershold current
is reached. The average short circuit current is lim-
ited to a safe value by the dead time introduced by
the soft start network.
The reset circuit generates an output signal when
the supply voltage exceeds a threshold pro-
grammed by an external divider. The reset signal is
generated with a delay time programmed by an ex-
ternal capacitor. When the supply falls below the
threshold the reset output goes low immediately.
The reset output is an open collector.
A TTL - level input is provided for applications such
as remote on/off control. This input is activated by
high level and disables circuit operation. After an in-
hibit the L4964 restarts under control of the soft start
network.
The thermal overload circuit disables circuit opera-
tion when the junction temperature reaches about
150 and has hysteresis to prevent unstable condi-
tions.
Figure 1 : Reset Output Waveforms
L4964
3/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com