Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4964 Datasheet(PDF) 6 Page - STMicroelectronics

Part # L4964
Description  HIGH CURRENT SWITCHING REGULATOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4964 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L4964 Datasheet HTML 2Page - STMicroelectronics L4964 Datasheet HTML 3Page - STMicroelectronics L4964 Datasheet HTML 4Page - STMicroelectronics L4964 Datasheet HTML 5Page - STMicroelectronics L4964 Datasheet HTML 6Page - STMicroelectronics L4964 Datasheet HTML 7Page - STMicroelectronics L4964 Datasheet HTML 8Page - STMicroelectronics L4964 Datasheet HTML 9Page - STMicroelectronics L4964 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
ELECTRICAL CHARACTERISTICS (continued)
(refer to the test circuits Tj =25
oC, Vi = 25V, unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Fig.
ERROR AMPLIFIER (continued)
I10
Input Bias Current
V10 = 5.2V, S1 : B
2
20
µA6c
Gv
DC Open Loop Gain
V9 = 1V to 3V, S1 : A, S2 : C
40
55
dB
6c
OSCILLATOR AND PWM COMPARATOR
–I7
Input Bias Current of
PWM Comparator
V7 = 0.5V to 3.5V
10
µA6a
–I11
Oscillator Source Current
V11 = 2V, S1 : A, S2 : B
4
–
mA
6a
RESET
V12R
Rising Threshold Voltage
Vi = 9 Vto36 V, S1 : B, S2 : B
Vref
- 150mV
Vref
- 100mV
Vref
- 50mV
V6d
V12F
Falling Threshold Voltage
4.75
Vref
- 150mV
Vref
- 100mV
V6d
V13D
Delay Threshold Voltage
V12 = 5.3 V, S1 : A, S2 : B
4.3
4.5
4.7
V
6d
V13H
Delay Threshold Voltage
Hysteresis
100
mV
6d
V14S
Output Saturation Volt.
I14 = 5mA, V12 = 4.7V - S1, S2 : B
0.4
V
6d
I12
Input Bias Current
V12 =0V to Vref, S1 : B, S2 : B
1
10
µA6d
–I13 so
I13 si
Delay Source Current
Delay Sink Current
V13 = 3V, S1 : A, S2 : B
V12 = 5.3V
V12 = 4.7V
60
8
110
150
µA
mA
6d
I14
Output Leakage Current
Vi = 36V, V12 = 5.3V, S1 : B, S2 : A
100
µA6d
C7, C8 : EKR (ROE)
L1 : L = 300
µHat 8 A
R= 500m
Ω
Core type : MAGNETICS 58930 - A2 MPP
N
° turns : 43
Wire Gauge : 1 mm (18 AWG)
Figure 4 : Dynamic Test Circuit
L4964
6/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com