Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2360PCBA Datasheet(PDF) 10 Page - RF Micro Devices

Part # RF2360PCBA
Description  LINEAR GENERAL PURPOSE AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2360PCBA Datasheet(HTML) 10 Page - RF Micro Devices

Back Button RF2360PCBA Datasheet HTML 4Page - RF Micro Devices RF2360PCBA Datasheet HTML 5Page - RF Micro Devices RF2360PCBA Datasheet HTML 6Page - RF Micro Devices RF2360PCBA Datasheet HTML 7Page - RF Micro Devices RF2360PCBA Datasheet HTML 8Page - RF Micro Devices RF2360PCBA Datasheet HTML 9Page - RF Micro Devices RF2360PCBA Datasheet HTML 10Page - RF Micro Devices RF2360PCBA Datasheet HTML 11Page - RF Micro Devices RF2360PCBA Datasheet HTML 12Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10 of 12
RF2360
Rev A12 DS070731
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Gain, OIP2 and OIP3 versus Frequency
VCC = 9V, Temp = 25°C, PIN = -8dBm
10.0
15.0
20.0
25.0
30.0
35.0
40.0
45.0
50.0
55.0
0.0
500.0
1000.0
1500.0
2000.0
Frequency (MHz)
Gain
IP3
IP2
Gain, OIP2 and OIP3 versus Temperature
VCC = 9V, PIN = -8dBm, F = 500MHz
15.0
20.0
25.0
30.0
35.0
40.0
45.0
50.0
-40.0
-20.0
0.0
20.0
40.0
60.0
80.0
Temperature (°C)
Gain
IP3
IP2
Gain, OIP2 and OIP3 versus PIN
VCC = 9V, Temp = 25°C, F = 500MHz
10.0
15.0
20.0
25.0
30.0
35.0
40.0
45.0
50.0
-8.0
-6.0
-4.0
-2.0
0.0
2.0
4.0
6.0
Pin (dBm)
Gain
IP3
IP2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com