Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2360PCBA Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF2360PCBA
Description  LINEAR GENERAL PURPOSE AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2360PCBA Datasheet(HTML) 4 Page - RF Micro Devices

  RF2360PCBA Datasheet HTML 1Page - RF Micro Devices RF2360PCBA Datasheet HTML 2Page - RF Micro Devices RF2360PCBA Datasheet HTML 3Page - RF Micro Devices RF2360PCBA Datasheet HTML 4Page - RF Micro Devices RF2360PCBA Datasheet HTML 5Page - RF Micro Devices RF2360PCBA Datasheet HTML 6Page - RF Micro Devices RF2360PCBA Datasheet HTML 7Page - RF Micro Devices RF2360PCBA Datasheet HTML 8Page - RF Micro Devices RF2360PCBA Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4 of 12
RF2360
Rev A12 DS070731
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Pin
Function
Description
Interface Schematic
1NC
No connection. This pin should be connected to the ground plane.
2NC
Same as pin 1.
3GND
Ground connection. Keep traces physically short and connect immediately
to ground plane for best performance. Each ground pin should have a via
to the ground plane.
4GND
Same as pin 3.
5GND
Same as pin 3.
6RF IN
RF input pin. This pin is internally DC blocked. An external DC blocking
capacitor is not required.
7NC
Same as pin 1.
8NC
Same as pin 1.
9NC
Same as pin 1.
10
NC
Same as pin 1.
11
NC
Same as pin 1.
12
GND
Same as pin 3.
13
GND
Same as pin 3.
14
RF OUT
RF output and bias pin. Because DC is present on this pin, a DC blocking
capacitor, suitable for the frequency of operation, should be used in most
applications. For biasing, only an RF choke is needed.
15
NC
Same as pin 1.
16
NC
Same as pin 1.
RF OUT
RF IN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com